Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7335GP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7335GP
Description  DSP for CD and DVD-ROM systems
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7335GP Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7335GP Datasheet HTML 1Page - NXP Semiconductors SAA7335GP Datasheet HTML 2Page - NXP Semiconductors SAA7335GP Datasheet HTML 3Page - NXP Semiconductors SAA7335GP Datasheet HTML 4Page - NXP Semiconductors SAA7335GP Datasheet HTML 5Page - NXP Semiconductors SAA7335GP Datasheet HTML 6Page - NXP Semiconductors SAA7335GP Datasheet HTML 7Page - NXP Semiconductors SAA7335GP Datasheet HTML 8Page - NXP Semiconductors SAA7335GP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1997 Aug 11
5
Philips Semiconductors
Preliminary specification
DSP for CD and DVD-ROM systems
SAA7335
da1
41
I/O
sub-CPU data bus bit 1 input/output (parallel)
n.c.
42
not connected, reserved
da0
43
I/O
sub-CPU data bus bit 0 input/output (parallel)
VDDD4
44
supply
digital supply voltage 4
VSSD4
45
supply
digital ground 4
WRi
46
I
sub-CPU write enable input (active LOW)
RDi
47
I
sub-CPU read enable input (active LOW)
ALE
48
I
sub-CPU address latch enable input
CSi
49
I
sub-CPU chip select input (active HIGH)
STOPCLOCK
50
O
stop clock output
n.c.
51
not connected, reserved
V4
52
O
serial subcode output (for CD)
EBUOUT
53
O
digital audio output
SYNC
54
O
I2S-bus sector sync output
FLAG
55
O
I2S-bus correction flag output
DATA
56
O
I2S-bus serial data output
BCLK
57
I/O
I2S-bus bit serial clock input/output
WCLK
58
I/O
I2S-bus word clock input/output
VDDD5
59
supply
digital supply voltage 5
VSSD5
60
supply
digital ground 5
RAMRW
61
O
RAM read/write control output
n.c.
62
not connected, reserved
RAMDA7
63
I/O
RAM data bus bit 7 input/output
RAMDA6
64
I/O
RAM data bus bit 6 input/output
RAMDA5
65
I/O
RAM data bus bit 5 input/output
RAMDA4
66
I/O
RAM data bus bit 4 input/output
RAMDA3
67
I/O
RAM data bus bit 3 input/output
RAMDA2
68
I/O
RAM data bus bit 2 input/output
n.c.
69
not connected, reserved
RAMDA1
70
I/O
RAM data bus bit 1 input/output
RAMDA0
71
I/O
RAM data bus bit 0 input/output
VDDD6
72
supply
digital supply voltage 6
VSSD6
73
supply
digital ground 6
RAMAD0
74
O
RAM address bit 0 output
RAMAD1
75
O
RAM address bit 1 output
RAMAD2
76
O
RAM address bit 2 output
RAMAD3
77
O
RAM address bit 3 output
RAMAD4
78
O
RAM address bit 4 output
RAMAD5
79
O
RAM address bit 5 output
RAMAD6
80
O
RAM address bit 6 output
VDDD7
81
supply
digital supply voltage 7
SYMBOL
PIN
TYPE
DESCRIPTION


Similar Part No. - SAA7335GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7310 PHILIPS-SAA7310 Datasheet
683Kb / 27P
   CMOS decoder for compact disc systems
August 1987
SAA7310GP PHILIPS-SAA7310GP Datasheet
683Kb / 27P
   CMOS decoder for compact disc systems
August 1987
SAA7310P PHILIPS-SAA7310P Datasheet
683Kb / 27P
   CMOS decoder for compact disc systems
August 1987
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
More results

Similar Description - SAA7335GP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
Sanyo Semicon Device
LA6505 SANYO-LA6505 Datasheet
138Kb / 13P
   For CD-ROM, DVD-ROM and MD players
logo
Rohm
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Rohm
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
   6CH Motor Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com