Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7360GP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7360GP
Description  Bitstream conversion ADC for digital audio systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7360GP Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7360GP Datasheet HTML 1Page - NXP Semiconductors SAA7360GP Datasheet HTML 2Page - NXP Semiconductors SAA7360GP Datasheet HTML 3Page - NXP Semiconductors SAA7360GP Datasheet HTML 4Page - NXP Semiconductors SAA7360GP Datasheet HTML 5Page - NXP Semiconductors SAA7360GP Datasheet HTML 6Page - NXP Semiconductors SAA7360GP Datasheet HTML 7Page - NXP Semiconductors SAA7360GP Datasheet HTML 8Page - NXP Semiconductors SAA7360GP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1995 Apr 24
5
Philips Semiconductors
Product specification
Bitstream conversion ADC
for digital audio systems
SAA7360
HPEN
38
high-pass filter enable input (HPEN = HIGH = enabled); if unconnected this pin defaults
HIGH
TSEL
39
input to select master (TSEL = LOW) or slave (TSEL = HIGH) operation of the serial
interface; if unconnected this pin defaults HIGH
WSEL
40
input to indicate 16-bit (WSEL = HIGH) or 18-bit (WSEL = LOW) output data word length of
the serial interface; if unconnected this pin defaults HIGH
ODF2 and
ODF1
41 and 42 serial interface format inputs; these 2 pins determine the interface format in which the device
will operate (see Chapter “Functional Description”); if unconnected these pins will default
HIGH (I2S format)
RESET
43
Power-On Reset (POR) input (active LOW) to mute the digital output during power on
CEN
44
Chip enable input; this pin, when LOW, disables the operation of the device and 3-states the
outputs of the serial interface bus. This enables the connection of one of more devices to the
output bus; if unconnected this pin defaults HIGH.
SYMBOL
PIN
DESCRIPTION
Fig.2 Pin configuration.
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
MLA715 - 2
FSEL
TEST1
TEST2
VSSD
VDDD
XIN
XOUT
XSYS1
XSYS2
SCKI
SCKO
PINR
NINR
BAOR
BAIR
VDACN
ref
VDACP
BAIL
BAOL
NINL
PINL
SAA7360
I


Similar Part No. - SAA7360GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7366T PHILIPS-SAA7366T Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
More results

Similar Description - SAA7360GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
   Digital Audio Conversion System
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
logo
NXP Semiconductors
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
logo
Texas Instruments
TLV320ADC3100 TI1-TLV320ADC3100 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo ADC for Voice-Activated Systems and Portable Audio
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com