Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7373 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7373
Description  Digital servo processor and Compact Disc decoder CD7
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7373 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7373 Datasheet HTML 5Page - NXP Semiconductors SAA7373 Datasheet HTML 6Page - NXP Semiconductors SAA7373 Datasheet HTML 7Page - NXP Semiconductors SAA7373 Datasheet HTML 8Page - NXP Semiconductors SAA7373 Datasheet HTML 9Page - NXP Semiconductors SAA7373 Datasheet HTML 10Page - NXP Semiconductors SAA7373 Datasheet HTML 11Page - NXP Semiconductors SAA7373 Datasheet HTML 12Page - NXP Semiconductors SAA7373 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
1998 Jul 06
9
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder (CD7)
SAA7373
7.2
Crystal oscillator
The crystal oscillator is a conventional 2 pin design
operating between 8 and 35 MHz. This oscillator is
capable of operating with ceramic resonators also with
both fundamental and third overtone crystals. External
components should be used to suppress the fundamental
output of the third overtone crystals as shown in Figs 3
and 4. Typical oscillation frequencies required are 8.4672,
16.9344 or 33.8688 MHz depending on the internal clock
settings used and whether or not the clock multiplier is
enabled.
Fig.3 8.4672 MHz fundamental configuration.
8.4672 MHz
CRIN
CROUT
SAA7373
22 pF
22 pF
330
100 k
OSCILLATOR
MGR323
Fig.4 33.8688 MHz overtone configuration.
OSCILLATOR
33.8688 MHz
CRIN
CROUT
SAA7373
3.3
µH
1 nF
10 pF
10 pF
330
100 k
MGR324
7.3
Data slicer and clock regenerator
The SAA7373 has an integrated slice level comparator
which can be clocked by the crystal frequency clock, or
8 times the crystal frequency clock (if SELPLL is set HIGH
while using an 8.4672 MHz crystal, and register 4 is set
to 0xxx). The slice level is controlled by an internal current
source applied to an external capacitor under the control
of the Digital Phase-Locked Loop (DPLL).
Regeneration of the bit clock is achieved with an internal
fully digital PLL. No external components are required and
the bit clock is not output. The PLL has two registers
(8 and 9) for selecting bandwidth and equalization.
For certain applications an off-track input is necessary.
This is internally connected from the servo part (its polarity
can be changed by the foc_parm1 parameter), but may be
input via the V1 pin if selected by register C. If this flag is
HIGH, the SAA7373 will assume that its servo part is
following on the wrong track and will flag all incoming HF
data as incorrect.


Similar Part No. - SAA7373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7371GP PHILIPS-SAA7371GP Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com