Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A50HRJ00F Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1A50HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A50HRJ00F Datasheet(HTML) 3 Page - Sharp Corporation

  GP1A50HRJ00F Datasheet HTML 1Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 2Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 3Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 4Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 5Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 6Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 7Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 8Page - Sharp Corporation GP1A50HRJ00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Sheet No.: D3-A03501EN
GP1A50HRJ00F
repeats in a 10 year cycle
Date code (2 digit)
1st digit
2nd digit
Year of production
Month of production
A.D.
Mark
Month
Mark
2000
0
1
1
2001
1
2
2
2002
2
3
3
2003
3
4
4
2004
4
5
5
2005
5
6
6
2006
6
7
7
2007
7
8
8
2008
8
9
9
2009
9
10
X
2010
0
11
Y
:
:
12
Z
Country of origin
Japan, Indonesia or Philippines
(Indicated on the packing case)


Similar Part No. - GP1A50HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A50HR SHARP-GP1A50HR Datasheet
82Kb / 5P
   OPIC Photointerrupter
More results

Similar Description - GP1A50HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
   Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1A57HRJ00F SHARP-GP1A57HRJ00F Datasheet
152Kb / 12P
   Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com