Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7374GP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7374GP
Description  Low voltage digital servo processor and Compact Disc decoder CD7LV
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7374GP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7374GP Datasheet HTML 4Page - NXP Semiconductors SAA7374GP Datasheet HTML 5Page - NXP Semiconductors SAA7374GP Datasheet HTML 6Page - NXP Semiconductors SAA7374GP Datasheet HTML 7Page - NXP Semiconductors SAA7374GP Datasheet HTML 8Page - NXP Semiconductors SAA7374GP Datasheet HTML 9Page - NXP Semiconductors SAA7374GP Datasheet HTML 10Page - NXP Semiconductors SAA7374GP Datasheet HTML 11Page - NXP Semiconductors SAA7374GP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
1998 Feb 26
8
Philips Semiconductors
Product specification
Low voltage digital servo processor and
Compact Disc decoder (CD7LV)
SAA7374
7
FUNCTIONAL DESCRIPTION
7.1
Decoder part
7.1.1
PRINCIPLE OPERATIONAL MODES OF THE DECODER
The decoding part can operate at different disc speeds,
from single-speed (n = 1) up to double-speed (n = 2). The
factor ‘n’ is called the overspeed factor. A simplified data
flow through the decoder part is illustrated in Fig.6.
7.1.2
DECODING SPEED AND CRYSTAL FREQUENCY
The SAA7374 is a multi-speed decoding device, with an
internal phase-locked loop (PLL) clock multiplier.
Depending on the crystal frequency used and the internal
clock settings (selectable via register B), the playback
speeds shown in Table 1 are possible, where ‘n’ is the
overspeed factor.
An internal clock multiplier is present, controlled by
SELPLL, and should only be used if an 8.4672 MHz
crystal, ceramic resonator or external clock is present.
7.1.3
LOCK-TO-DISC MODE
For high speed CD-ROM applications, the SAA7374 has a
special mode, the lock-to-disc mode. This allows Constant
Angular Velocity (CAV) disc playback with varying input
data rates from the inside-to-outside of the disc. In the
lock-to-disc mode, the FIFO is blocked and the decoder
will adjust its output data rate to the disc speed. Hence, the
frequency of the I2S-bus (WCLK and SCLK) clocks are
dependent on the disc speed.
In the lock-to-disc mode there is a limit on the maximum
variation in disc speed that the SAA7374 will follow.
Disc speeds must always be within 25 to 100% range of
their nominal value. The lock-to-disc mode is
enabled/disabled by register E.
7.1.4
STANDBY MODES
The SAA7374 may be placed in two standby modes
selected by register B (it should be noted that the device
core is still active)
Standby 1: “CD-STOP” mode. Most I/O functions are
switched off.
Standby 2: “CD-PAUSE” mode. Audio output features
are switched off, but the motor loop, the motor output
and the subcode interfaces remain active. This is also
called a “Hot Pause”.
In the standby modes the various pins will have the
following values;
MOTO1 and MOTO2: put in high-impedance, PWM
mode (standby 1 and reset, operating in standby 2).
Put in high-impedance, PDM mode (standby 1 and
reset, operating in standby 2).
SCL, SDA, SILD and RAB: no interaction. Normal
operation continues.
SCLK, WCLK, DATA, EF, CL11 and DOBM: 3-state in
both standby modes. Normal operation continues after
reset.
CRIN, CROUT, CL16 and CL4: no interaction. Normal
operation continues.
V1, V2, V3, V4, V5, CFLG and C2FAIL: no interaction.
Normal operation continues.
Table 1
Playback speeds
Note
1. The CL11 output is always a 5.6448 MHz clock if a 16.9344 MHz external clock is used.
REGISTER B
SELPLL
CRYSTAL FREQUENCY (MHz)
CL11
FREQUENCY
(MHz)(1)
33.8688
16.9344
8.4672
00xx
0
n = 1
−−
11.2896
00xx
1
−−
n = 1
11.2896
01xx
0
n=1
5.6448
10xx
0
n = 2
−−
11.2896
10xx
1
−−
n = 2
11.2896
11xx
0
n=2
5.6448


Similar Part No. - SAA7374GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7371GP PHILIPS-SAA7371GP Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7374GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com