Electronic Components Datasheet Search |
|
B43866A2226M008 Datasheet(PDF) 7 Page - EPCOS |
|
B43866A2226M008 Datasheet(HTML) 7 Page - EPCOS |
7 / 24 page Technical data and ordering codes CR 120 Hz 20 °C µF Case dimensions d × l mm ESRmax 120 Hz 25 °C Ω ESRmax 120 Hz 20 °C Ω Zmax 100 kHz 20 °C Ω IAC,R 100 kHz 125 °C mA IAC,max 100 kHz 105 °C mA Ordering code (composition see beolow) Composition of ordering code *** = Version 000 = for standard leads, bulk 001 = for kinked leads, bulk (for ∅ ≥ 10 mm) 002 = for cut leads, bulk (for ∅ ≥ 10 mm) 003 = for crimped leads, blister (for ∅ ≥ 16 mm) 004 = for J leads, blister (from d × l = 10 × 16 mm to 18 × 25 mm) 008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d × l = 10 × 16 mm to 12.5 × 25 mm) 009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d × l = 16 × 20 mm to 18 × 25 mm) 012 = for bent 90 ° leads, blister (for ∅ 16 and 18 mm) VR = 350 V DC 3.3 10 × 20 4396 125.6 26.38 90 126 B43866A4335M*** 3.9 10 × 20 3721 106.3 22.32 105 147 B43866A4395M*** 4.7 10 × 20 3087 88.2 18.52 120 168 B43866A4475M*** 6.8 12.5 × 20 2142 61.2 12.85 143 200 B43866A4685M*** 10 12.5 × 25 3087 88.2 18.52 202 283 B43866A4106M*** 22 16 × 20 337 9.6 2.02 355 497 B43866W4226M*** 33 16 × 20 225 6.4 1.35 450 630 B43866W4336M*** 47 20 × 20 158 4.5 0.95 580 812 B43866W4476M*** 68 20 × 25 109 3.1 0.66 750 1050 B43866W4686M*** B43866 Up to 125 °C Page 7 of 24 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B43866A2226M008 |
|
Similar Description - B43866A2226M008 |