Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7377 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7377
Description  Digital servo processor and Compact Disc decoder CD7
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7377 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7377 Datasheet HTML 1Page - NXP Semiconductors SAA7377 Datasheet HTML 2Page - NXP Semiconductors SAA7377 Datasheet HTML 3Page - NXP Semiconductors SAA7377 Datasheet HTML 4Page - NXP Semiconductors SAA7377 Datasheet HTML 5Page - NXP Semiconductors SAA7377 Datasheet HTML 6Page - NXP Semiconductors SAA7377 Datasheet HTML 7Page - NXP Semiconductors SAA7377 Datasheet HTML 8Page - NXP Semiconductors SAA7377 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
1998 Jul 06
3
Philips Semiconductors
Product specifications
Digital servo processor and Compact Disc
decoder (CD7)
SAA7377
1
FEATURES
• Single-speed mode
• Full error correction strategy, t = 2 and e = 4
• Full CD graphics interface
• All standard decoder functions implemented digitally on
chip
• FIFO overflow concealment for rotational shock
resistance
• Digital audio interface (EBU), audio only
• 2 and 4 times oversampling integrated digital filter,
including fs mode
• Audio data peak level detection
• Kill interface for DAC deactivation during digital silence
• All TDA1301 (DSIC2) digital servo functions, plus extra
high-level functions
• Low focus noise
• Improved playability on ABEX TCD-721R, TCD-725 and
TCD-714 discs
• Automatic closed loop gain control available for focus
and radial loops
• Pulsed sledge support
• Microcontroller loading LOW
• High-level servo control option
• High-level mechanism monitor
• Communication may be via TDA1301/SAA7345
compatible bus or I2C-bus
• On-chip clock multiplier allows the use of 8.4672 MHz
crystal.
2
GENERAL DESCRIPTION
The SAA7377 is a single chip combining the functions of a
CD decoder IC and digital servo IC. The decoder part is
based on the SAA7345 (CD6) with an improved error
correction strategy. The servo part is based on the
TDA1301T (DSIC2) with improvements incorporated,
extra features have also been added.
Supply of this Compact Disc IC does not convey an implied
license under any patent right to use this IC in any
Compact Disc application.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3.4
5.0
5.5
V
IDD
supply current
49
mA
fxtal
crystal frequency
8
8.4672
35
MHz
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−55
+125
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7377GP
QFP64
plastic quad flat package; 64 leads (lead length 1.6 mm);
body 14
× 14 × 2.7 mm
SOT393-1


Similar Part No. - SAA7377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7371GP PHILIPS-SAA7371GP Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com