Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A73AJ000F Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP1A73AJ000F
Description  Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A73AJ000F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP1A73AJ000F Datasheet HTML 2Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 3Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 4Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 5Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 6Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 7Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 8Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 9Page - Sharp Corporation GP1A73AJ000F Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Sheet No.: D3-A04601EN
GP1A73AJ000F
● Recommended Installation Hole drawing
1) We recommend to fix the product at punching side on the fixing plate (metal plate).
2) Please decide the final dimensions at your side after confirmation by the actual applications. Because
mounting efficiency and mounted stabilization are dependent on mounting hole corner curve and punched
state.
3) Tolerance shall be ±0.1mm
Normal type
Plate thickness : 1.6mm
7.7
8−R0.1
Plate thickness : 1mm
Plate thickness : 1.2mm
7.5
8−R0.1
7.5
8−R0.1
Reverse-insertion prevention type
7.7
12−R0.1
2.4
2.4
Plate thickness : 1.6mm
Plate thickness : 1mm
Plate thickness : 1.2mm
7.5
2.4
2.4
12−R0.1
7.5
2.4
2.4
12−R0.1


Similar Part No. - GP1A73AJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A73A1 SHARP-GP1A73A1 Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
More results

Similar Description - GP1A73AJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A073LCS SHARP-GP1A073LCS Datasheet
129Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
GP1A05EJ000F SHARP-GP1A05EJ000F Datasheet
136Kb / 10P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A05AJ000F SHARP-GP1A05AJ000F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A75EJ000F SHARP-GP1A75EJ000F Datasheet
129Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1S74PJ000F SHARP-GP1S74PJ000F Datasheet
149Kb / 12P
   Gap : 5mm Slit : 0.5mm Phototransistor Output, Snap-in fi xing Transmissive Photointerrupter with Connector
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com