Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A91LRJ00F Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP1A91LRJ00F
Description  Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A91LRJ00F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP1A91LRJ00F Datasheet HTML 2Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 3Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 4Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 5Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 6Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 7Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 8Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 9Page - Sharp Corporation GP1A91LRJ00F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Sheet No.: D3-A01501EN
GP1A91LRJ00F
Fig.12 Low Level Output Voltage vs.
Ambient Temperature
Fig.13 Rise Time, Fall Time vs.
Load Resistance
Fig.14 Propagation Delay Time vs. Forward
Current
Fig.15 Low, High Level Output vs. Shield
Distance (1) (Typical Value)
IF=5mA
VCC=3V
Ambient temperature Ta (˚C)
0
0.4
0.3
0.2
0.1
−25
100
75
50
25
0
IOL=2mA
IOL=1mA
IOL=0mA
VCC=3V
RL=3kΩ
Ta=25˚C
Forward current IF (mA)
0
10
8
6
4
2
0
50
40
30
20
10
tPLH
tPHL
tr
tf
Load resistance RL (kΩ)
0
0.6
0.5
0.4
0.3
0.2
0.1
0.1
1
10
100
VCC=3V
IF=5mA
Ta=25˚C
High
Low
−1
3
2
1
0
Shield moving distance L (mm)
IF=5mA
VCC=3V
Ta=25˚C
Shield
distance L
L=0
Sensor
Fig.16 Low, High Level Output vs. Shield
Distance (1) (Typical Value)
−1
2
1
0
Shield moving distance L (mm)
IF=5mA
VCC=3V
Ta=25˚C
L=0
Sensor
Shield
High
Low
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.


Similar Part No. - GP1A91LRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A91LCJ00F SHARP-GP1A91LCJ00F Datasheet
146Kb / 11P
   Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1A91LRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A91LCJ00F SHARP-GP1A91LCJ00F Datasheet
146Kb / 11P
   Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A05AJ000F SHARP-GP1A05AJ000F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A57HRJ00F SHARP-GP1A57HRJ00F Datasheet
152Kb / 12P
   Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
GP1A05EJ000F SHARP-GP1A05EJ000F Datasheet
136Kb / 10P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com