Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER157-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # HER157-T3
Description  1.5A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER157-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  HER157-T3 Datasheet HTML 1Page - Won-Top Electronics HER157-T3 Datasheet HTML 2Page - Won-Top Electronics HER157-T3 Datasheet HTML 3Page - Won-Top Electronics HER157-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HER151 – HER158
2 of 4
© 2006 Won-Top Electronics

0
0.3
0.6
0.9
1.2
1.5
25
50
75
100
125
150 175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
HER151 - HER154
HER156 - HER158
HER155
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
HER151 - HER155
HER156 - HER158


Similar Part No. - HER157-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER157-T3 WTE-HER157-T3 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER157-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
HER151G ZSELEC-HER151G Datasheet
110Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UF150G ZSELEC-UF150G Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UG1501 ZSELEC-UG1501 Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
1N5391 WTE-1N5391_06 Datasheet
54Kb / 4P
   1.5A STANDARD DIODE
logo
Zibo Seno Electronic En...
PR1501 ZSELEC-PR1501 Datasheet
135Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
   1.5A Clamper/Damping diode
logo
Won-Top Electronics
FR151 WTE-FR151_06 Datasheet
55Kb / 4P
   1.5A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR151 ZSELEC-FR151 Datasheet
128Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Protek Devices
PAM38DOAC10Y PROTEC-PAM38DOAC10Y Datasheet
463Kb / 6P
   1.5A GLASS PASSIVATED RECTIFIER DIODE
logo
Zibo Seno Electronic En...
UF5401 ZSELEC-UF5401 Datasheet
109Kb / 2P
   3.0A ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com