Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7381 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7381
Description  ATAPI CD-R block decoder
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7381 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7381 Datasheet HTML 4Page - NXP Semiconductors SAA7381 Datasheet HTML 5Page - NXP Semiconductors SAA7381 Datasheet HTML 6Page - NXP Semiconductors SAA7381 Datasheet HTML 7Page - NXP Semiconductors SAA7381 Datasheet HTML 8Page - NXP Semiconductors SAA7381 Datasheet HTML 9Page - NXP Semiconductors SAA7381 Datasheet HTML 10Page - NXP Semiconductors SAA7381 Datasheet HTML 11Page - NXP Semiconductors SAA7381 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
1997 Aug 12
8
Philips Semiconductors
Objective specification
ATAPI CD-R block decoder
SAA7381
n.c.
71 to 74
−−
not connected
DD11
75
I/O
AL/T
host
data bus; pin order of ATAPI interface matches
the pinning of the 40-way IDE connector (slew
rate limiting by control of drive capability into
capacitive load of ATA bus)
DD3
76
I/O
AL/T
DD12
77
I/O
AL/T
DD2
78
I/O
AL/T
DD13
79
I/O
AL/T
DD1
80
I/O
AL/T
DD14
81
I/O
AL/T
DD0
82
I/O
AL/T
DD15
83
I/O
AL/T
DMARQ/
DMACK
84
O
AL
host
DMA request/SCSI DMA acknowledge output
(active LOW)
DGND7
85
−−
digital ground 7
VDDD(pad2)
86
−−
digital peripheral supply voltage 2
DIOW
87
I
L/T
host
write cycle write enable/control register write
input (active LOW)
DIOR
88
I
L/T
host
read cycle read enable/control register read
input (active LOW)
IORDY
89
O
AH
host
device is ready to transfer data output
(active LOW)
DMACK/
DMARQ
90
I
T
host
DMA acknowledge (active LOW)/SCSI DMA
request input
INTRQ
91
A
host
host interrupt request (NB 3-state output)
DGND8
92
−−
digital ground 8
VDDD(pad3)
93
−−
digital peripheral supply voltage 3
IOCS16
94
O
AH
host
I/O port is 16-bit output (active LOW)
DA1/DBWR
95
I/O
L/T
host
address wire 1/DMA from generic interface is
output from the SAA7381 (active LOW)
PDIAG
96
I/O
AL/T
host
ATAPI passed diagnostics input/output
(active LOW)
DA0
97
I/O
L/T
host
address wire 0 input/output
DA2/DBRD
98
I/O
L/T
host
address wire 2/DMA from generic interface is
input to the SAA7381 (active LOW)
CS0/
SCSICS
99
I/O
L/T
host
chip select 1FX/generic interface chip select
(active LOW)
CS1
100
I/O
L/T
host
chip select 3FX input/output (active LOW)
DASP
101
I/O
AH/T
host
device active slave present input/output (active
LOW)
INT2
102
O
L
sub-CPU
sub-CPU interrupt output from the SAA7381
drive block and UART
SYMBOL
PIN
TYPE
DRIVE/
THRESHOLD
GROUPING
DESCRIPTION


Similar Part No. - SAA7381

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7380GP PHILIPS-SAA7380GP Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382GP PHILIPS-SAA7382GP Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
More results

Similar Description - SAA7381

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com