Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7381 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7381
Description  ATAPI CD-R block decoder
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7381 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7381 Datasheet HTML 1Page - NXP Semiconductors SAA7381 Datasheet HTML 2Page - NXP Semiconductors SAA7381 Datasheet HTML 3Page - NXP Semiconductors SAA7381 Datasheet HTML 4Page - NXP Semiconductors SAA7381 Datasheet HTML 5Page - NXP Semiconductors SAA7381 Datasheet HTML 6Page - NXP Semiconductors SAA7381 Datasheet HTML 7Page - NXP Semiconductors SAA7381 Datasheet HTML 8Page - NXP Semiconductors SAA7381 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
1997 Aug 12
2
Philips Semiconductors
Objective specification
ATAPI CD-R block decoder
SAA7381
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
2.1
Memory mapped control registers
2.2
Error correction features
2.3
Host interface features
2.4
Buffer memory organisation
2.5
Subcode handling features
2.6
Multimedia output audio control features
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
6.1
Detailed description of pin functions
7
FUNCTIONAL DESCRIPTION
7.1
Memory field description
7.1.1
DVD-ROM memory field information
7.2
CD input control registers
7.2.1
Registers associated with data in process
7.3
Multimedia output interface
7.3.1
Subcode input block
7.3.2
Subcode mode transmit control register
7.3.3
General description of the multimedia output
interface
7.3.4
IEC 958/EBU output
7.3.5
Memory-to-memory block copy function
7.4
Interrupt registers
7.4.1
Interrupt 1
7.4.2
Interrupt 2
7.4.3
UART interrupt
7.5
Host interface
7.5.1
Introduction
7.5.2
Description of the host interface block
7.5.3
Description of the host interface registers
7.5.4
Transfer counter
7.5.5
Packet size store
7.5.6
Sequencer status
7.5.7
Host interface DMA special bits
7.5.8
Automatic block pointer reload programming
7.5.9
DMA transfer programming of the host
interface
7.5.10
Generic interface operation
7.5.11
DMA transfers in generic mode
7.5.12
Normal DMA mode
7.5.13
Burst DMA mode using multiplexed bus
configuration
7.6
Microcontroller interface
7.6.1
Kernel based firmware
7.6.2
16-bit registers automatic read and write
7.7
8051 CPU and memory management functions
7.7.1
Sub-CPU bus access timing
7.7.2
Buffer memory organisation
7.7.3
Subpage
7.8
External memory interface
7.8.1
DRAM interface configuration register
7.9
UART for communication with CD engine
7.9.1
UART basic engine interface
7.10
Clock generation control
7.10.1
Crystal oscillator
7.10.2
Sub-CPU clock control register
7.10.3
SAA7381 system clock control registers
8
LIMITING VALUES
9
THERMAL CHARACTERISTICS
10
CHARACTERISTICS
11
TIMING CHARACTERISTICS
11.1
External memory interface timing
11.2
Host interface timing
11.2.1
Host interface ATAPI PIO and DMA timing
11.2.2
ATA bus timing
11.2.3
Ultra DMA operation and timing
11.2.4
Ultra DMA read/write timing
11.3
Sub-CPU interface timing
11.4
UART timing
12
APPENDIX A
13
APPLICATION INFORMATION
14
PACKAGE OUTLINE
15
SOLDERING
15.1
Introduction
15.2
Reflow soldering
15.3
Wave soldering
15.4
Repairing soldered joints
16
DEFINITIONS
17
LIFE SUPPORT APPLICATIONS


Similar Part No. - SAA7381

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7380GP PHILIPS-SAA7380GP Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382GP PHILIPS-SAA7382GP Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
More results

Similar Description - SAA7381

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com