Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S39J0000F Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP1S39J0000F
Description  Gap : 1.5mm, Detector pitch : 1mm 2-phase Phototransistor Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S39J0000F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP1S39J0000F Datasheet HTML 3Page - Sharp Corporation GP1S39J0000F Datasheet HTML 4Page - Sharp Corporation GP1S39J0000F Datasheet HTML 5Page - Sharp Corporation GP1S39J0000F Datasheet HTML 6Page - Sharp Corporation GP1S39J0000F Datasheet HTML 7Page - Sharp Corporation GP1S39J0000F Datasheet HTML 8Page - Sharp Corporation GP1S39J0000F Datasheet HTML 9Page - Sharp Corporation GP1S39J0000F Datasheet HTML 10Page - Sharp Corporation GP1S39J0000F Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Sheet No.: D3-A01301EN
GP1S39J0000F
Fig.12 Detecting Position Characteristics (2)
(Output of PT1 and PT2 are 100% at L=0)
90
70
50
30
10
0
100
80
60
40
20
0.5
1
1.5
2
IF=4mA
VCE=5V
Ta=25˚C
L=0
Shield
Shield moving distance L (mm)
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.


Similar Part No. - GP1S39J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S39 SHARP-GP1S39 Datasheet
52Kb / 4P
   Subminiature, Double-phase Output, Wide Gap Photointerrupter
More results

Similar Description - GP1S39J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S096HCZ0F SHARP-GP1S096HCZ0F Datasheet
135Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
   Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S097HCZ0F SHARP-GP1S097HCZ0F Datasheet
133Kb / 9P
   Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
   Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S196HCZ0F SHARP-GP1S196HCZ0F Datasheet
159Kb / 11P
   Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
   Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
   Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com