Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S95J0000F Datasheet(PDF) 10 Page - Sharp Corporation

Part # GP1S95J0000F
Description  Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S95J0000F Datasheet(HTML) 10 Page - Sharp Corporation

Back Button GP1S95J0000F Datasheet HTML 2Page - Sharp Corporation GP1S95J0000F Datasheet HTML 3Page - Sharp Corporation GP1S95J0000F Datasheet HTML 4Page - Sharp Corporation GP1S95J0000F Datasheet HTML 5Page - Sharp Corporation GP1S95J0000F Datasheet HTML 6Page - Sharp Corporation GP1S95J0000F Datasheet HTML 7Page - Sharp Corporation GP1S95J0000F Datasheet HTML 8Page - Sharp Corporation GP1S95J0000F Datasheet HTML 9Page - Sharp Corporation GP1S95J0000F Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Sheet No.: D3-A00701EN
GP1S95J0000F
■ Important Notices
· The circuit application examples in this publication
are provided to explain representative applications of
SHARP devices and are not intended to guarantee any
circuit design or license any intellectual property rights.
SHARP takes no responsibility for any problems related
to any intellectual property right of a third party resulting
from the use of SHARP's devices.
· Contact SHARP in order to obtain the latest device
specification sheets before using any SHARP device.
SHARP reserves the right to make changes in the
specifications, characteristics, data, materials, structure,
and other contents described herein at any time
without notice in order to improve design or reliability.
Manufacturing locations are also subject to change
without notice.
· Observe the following points when using any devices
in this publication. SHARP takes no responsibility for
damage caused by improper use of the devices which
does not meet the conditions and absolute maximum
ratings to be used specified in the relevant specification
sheet nor meet the following conditions:
(i) The devices in this publication are designed for use
in general electronic equipment designs such as:
--- Personal computers
--- Office automation equipment
--- Telecommunication equipment [terminal]
--- Test and measurement equipment
--- Industrial control
--- Audio visual equipment
--- Consumer electronics
(ii) Measures such as fail-safe function and redundant
design should be taken to ensure reliability and safety
when SHARP devices are used for or in connection
with equipment that requires higher reliability such as:
--- Transportation control and safety equipment (i.e.,
aircraft, trains, automobiles, etc.)
--- Traffic signals
--- Gas leakage sensor breakers
--- Alarm equipment
--- Various safety devices, etc.
(iii) SHARP devices shall not be used for or in
connection with equipment that requires an extremely
high level of reliability and safety such as:
--- Space applications
--- Telecommunication equipment [trunk lines]
--- Nuclear power control equipment
--- Medical and other life support equipment (e.g.,
scuba).
· If the SHARP devices listed in this publication fall
within the scope of strategic products described in the
Foreign Exchange and Foreign Trade Law of Japan, it
is necessary to obtain approval to export such SHARP
devices.
· This publication is the proprietary product of SHARP
and is copyrighted, with all rights reserved. Under
the copyright laws, no part of this publication may be
reproduced or transmitted in any form or by any means,
electronic or mechanical, for any purpose, in whole or in
part, without the express written permission of SHARP.
Express written permission is also required before any
use of this publication may be made by a third party.
· Contact and consult with a SHARP representative
if there are any questions about the contents of this
publication.
[H132]


Similar Part No. - GP1S95J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S93 SHARP-GP1S93 Datasheet
45Kb / 4P
   Subminiature Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94 SHARP-GP1S94 Datasheet
46Kb / 4P
   Subminiature Wide- Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
   Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1S95J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S25J0000F SHARP-GP1S25J0000F Datasheet
181Kb / 11P
   SMT, Gap : 1.6mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
   Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
   Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S097HCZ0F SHARP-GP1S097HCZ0F Datasheet
133Kb / 9P
   Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
   Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S096HCZ0F SHARP-GP1S096HCZ0F Datasheet
135Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S196HCZ0F SHARP-GP1S196HCZ0F Datasheet
159Kb / 11P
   Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com