Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S196HCZ0F Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S196HCZ0F
Description  Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S196HCZ0F Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S196HCZ0F Datasheet HTML 1Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 2Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 3Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 4Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 5Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 6Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 7Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 8Page - Sharp Corporation GP1S196HCZ0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Sheet No.: D3-A01001EN
GP1S196HCZ0F/GP1S196HCZSF
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
30
mA
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
PC
75
mW
Total power dissipation
Ptot
100
mW
Operating temperature
Topr
−25 to +85
˚C
Storage temperature
Tstg
−40 to +100
˚C
∗1Soldering temperature
Tsol
260
˚C
1 For 3s or less
(Ta=25˚C )
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=20mA
1.2
1.4
V
Reverse current
IR
VR=3V
−−
10
μA
Output Collector dark current
ICEO
VCE=20V
−−
100
nA
Transfer
charac-
teristics
Collector current
IC
VCE=5V, IF=5mA
100
400
μA
Collector-emitter saturation voltage
VCE(sat)
IF=10mA, IC=40μA
−−
0.4
V
Response time
Rise time
tr
VCE=5V, IC=100μA, RL=1kΩ
50
150
μs
Fall time
tf
50
150
0.3mm or more
Soldering area
(GP1S196HCZ0F)


Similar Part No. - GP1S196HCZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
   Photointerrupter with Dust Cover
GP1S11 SHARP-GP1S11 Datasheet
133Kb / 4P
   LINEAR OUTPUT TYPE PHOTOINTERRUPTER
GP1S173LCS2F SHARP-GP1S173LCS2F Datasheet
344Kb / 10P
   Gap : 5.0mm Slit : 0.5mm Phototransistor Output, Compact Transmissive Photointerrupter with connector
More results

Similar Description - GP1S196HCZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
   Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
   Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
   Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S097HCZ0F SHARP-GP1S097HCZ0F Datasheet
133Kb / 9P
   Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
   Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S096HCZ0F SHARP-GP1S096HCZ0F Datasheet
135Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
   SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com