Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2A25DJ000F Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP2A25DJ000F
Description  Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A25DJ000F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP2A25DJ000F Datasheet HTML 2Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 3Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 4Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 5Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 6Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 7Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 8Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 9Page - Sharp Corporation GP2A25DJ000F Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Sheet No.: D3-A04901EN
GP2A25J0000F Series
■ Design Considerations
● Design guide
1) VO terminal : Open collector output
This product operates the light emitter by pulse drive. Please supply the stable supply voltage in order to
prevent error operation by pulse current.
Please use this device after connecting a capacitor between VO and GND for prevention of line noise.
2) Prevention of detection error
Please be careful that you need to keep the direct inverter light away from the photo detecting surface
since the device will not operate correctly in such case.
In addition, we recommend to make sure the operation test in the actual application.
3) Plugging in/out
The connector should be plugged in/out at normal temperature.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Parts
This product is assembled using the below parts.
• Photodetector (Q'ty : 1) [Using a silicon photodiode as light detecting portion, and a bipolar IC as signal processing circuit]
Category
Maximum Sensitivity
wavelength (nm)
Sensitivity
wavelength (nm)
Response time (μs)
Photo
diode
900
700 to 1 200
400
• Photo emitter (Q'ty : 1)
Category
Material
Maximum light emitting
wavelength (nm)
I/O Frequency (MHz)
Infrared emitting diode
(non-coherent)
Gallium arsenide (GaAs)
950
0.3
• Material
Case
Lens
Bottom cover
GP2A25J0000F
Black polyphernylene
Sulfide resin (UL94 V-0)
Acryl resin
(UL94 HB)
Polycarbonate resin (Black) (UL94 V-2)
GP2A25DJ000J
Polycarbonate resin (Black) (UL94 V-2)
GP2A25NJJ00F
Polycarbonate resin (Black) (UL94 V-2)
∗The IR-90 filter (Fuji Photo Film Co., Ltd.) is inserted between case and detector side lens.
• Others
Laser generator is not used.


Similar Part No. - GP2A25DJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A25 SHARP-GP2A25 Datasheet
41Kb / 3P
   Light Modulation, Reflection Type Photointerrupter
More results

Similar Description - GP2A25DJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com