Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S24J0000F Datasheet(PDF) 9 Page - Sharp Corporation

Part # GP2S24J0000F
Description  Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S24J0000F Datasheet(HTML) 9 Page - Sharp Corporation

Back Button GP2S24J0000F Datasheet HTML 4Page - Sharp Corporation GP2S24J0000F Datasheet HTML 5Page - Sharp Corporation GP2S24J0000F Datasheet HTML 6Page - Sharp Corporation GP2S24J0000F Datasheet HTML 7Page - Sharp Corporation GP2S24J0000F Datasheet HTML 8Page - Sharp Corporation GP2S24J0000F Datasheet HTML 9Page - Sharp Corporation GP2S24J0000F Datasheet HTML 10Page - Sharp Corporation GP2S24J0000F Datasheet HTML 11Page - Sharp Corporation GP2S24J0000F Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Sheet No.: D3-A01801EN
GP2S24J0000F Series
■ Design Considerations
● Design guide
1) Prevention of detection error
To prevent photointerrupter from faulty operation caused by external light, do not set the detecting face to
the external light.
2) Distance characteristic
Please refer to Fig.10 (Relative collector current vs. Distance) to set the distance of the photointerrupter
and the object.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Degradation
In general, the emission of the IRED used in photointerrupter will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5
years) into the design consideration.
● Parts
This product is assembled using the below parts.
• Photodetector (qty. : 1)
Category
Material
Maximum Sensitivity
wavelength (nm)
Sensitivity
wavelength (nm)
Response time (μs)
Phototransister
Silicon (Si)
930
700 to 1 200
20
• Photo emitter (qty. : 1)
Category
Material
Maximum light emitting
wavelength (nm)
I/O Frequency (MHz)
Infrared emitting diode
(non-coherent)
Gallium arsenide (GaAs)
950
0.3
• Material
Case
Lead frame
Lead frame plating
Black polyphernylene
42Alloy
SnCu plating


Similar Part No. - GP2S24J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S24 SHARP-GP2S24 Datasheet
72Kb / 5P
   Subminiature Photointerrupter
More results

Similar Description - GP2S24J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-850X AVAGO-AEDR-850X Datasheet
264Kb / 10P
   3 Channel Refl ective Incremental Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com