Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S27J0000F Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S27J0000F
Description  SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S27J0000F Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S27J0000F Datasheet HTML 1Page - Sharp Corporation GP2S27J0000F Datasheet HTML 2Page - Sharp Corporation GP2S27J0000F Datasheet HTML 3Page - Sharp Corporation GP2S27J0000F Datasheet HTML 4Page - Sharp Corporation GP2S27J0000F Datasheet HTML 5Page - Sharp Corporation GP2S27J0000F Datasheet HTML 6Page - Sharp Corporation GP2S27J0000F Datasheet HTML 7Page - Sharp Corporation GP2S27J0000F Datasheet HTML 8Page - Sharp Corporation GP2S27J0000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Sheet No.: D3-A01901EN
GP2S27J0000F Series
Date code (Symbol)
January
July
February
August
March
September
April
October
May
November
June
December
Rank mark
There is no rank indicator.
Country of origin
Japan


Similar Part No. - GP2S27J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S27 SHARP-GP2S27 Datasheet
72Kb / 5P
   Subminiature Photointerrupter
More results

Similar Description - GP2S27J0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
   SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com