Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S27BJ000F Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2S27BJ000F
Description  SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S27BJ000F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP2S27BJ000F Datasheet HTML 2Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 3Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 4Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 5Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 6Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 7Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 8Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 9Page - Sharp Corporation GP2S27BJ000F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Sheet No.: D3-A01901EN
GP2S27J0000F Series
Fig.5 Collector Current vs.
Collector-Emitter Voltage
Fig.6 Relative Collector Current vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward
Voltage
Fig.4 Collector Current vs.
Forward Current
0
0.5
1
1.5
2
2.5
3
1
10
100
25˚C
0˚C
50˚C
−25˚C
Ta=75˚C
Forward voltage VF (V)
510
15
25
30
0
0
100
200
300
400
500
600
700
20
Forward current IF (mA)
VCE=2V
Ta=25˚C
24
6
8
10
0
0
50
100
150
200
250
300
350
12
4mA
2mA
7mA
10mA
IF=15mA
Collector-emitter voltage VCE (V)
Ta=
25˚C
Ambient temperature Ta (˚C)
025
−25
0
20
40
60
80
100
120
50
100
75
IF=4mA
VCE=2V
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 Power Dissipation vs.
Ambient Temperature
025
0
20
15
40
60
120
50
100
75
80
75
100
85
Ptot
P, PC
Ambient temperature Ta (˚C)
−25
−25
0
25
50
75
100
85
Ambient temperature Ta (˚C)
60
50
40
30
20
10
0


Similar Part No. - GP2S27BJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S27 SHARP-GP2S27 Datasheet
72Kb / 5P
   Subminiature Photointerrupter
More results

Similar Description - GP2S27BJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
   SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com