Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7707H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7707H
Description  Car radio Digital Signal Processor CDSP
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7707H Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7707H Datasheet HTML 1Page - NXP Semiconductors SAA7707H Datasheet HTML 2Page - NXP Semiconductors SAA7707H Datasheet HTML 3Page - NXP Semiconductors SAA7707H Datasheet HTML 4Page - NXP Semiconductors SAA7707H Datasheet HTML 5Page - NXP Semiconductors SAA7707H Datasheet HTML 6Page - NXP Semiconductors SAA7707H Datasheet HTML 7Page - NXP Semiconductors SAA7707H Datasheet HTML 8Page - NXP Semiconductors SAA7707H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
1997 May 30
4
Philips Semiconductors
Preliminary specification
Car radio Digital Signal Processor (CDSP)
SAA7707H
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD(tot)
total DC supply voltage
all supply pins
4.75
5
5.5
V
IDDD(tot)
total DC supply current
maximum activity of the
DSP; fxtal = 36 MHz
160
200
mA
Ptot
total power dissipation
maximum activity of the
DSP; fxtal = 36 MHz
0.8
1.1
W
S/N
level ADC signal-to-noise
ratio
RMS value;
unweighted;
B=0to29 kHz;
maximum input
48
54
dB
ADC signal-to-noise ratio
not multiplexed;
B = 19 kHz;
Vi = 1 V (RMS)
81
85
dB
multiplexed;
unweighted;
B = 19 kHz; 1 V (RMS)
72
76
dB
ADC signal-to-noise ratio for
FM-RDS
RMS value; B = 6 kHz;
unweighted; fc =57kHz
56
−−
dB
ViFS
ADC full-scale input voltage
VDDA1 = 4.75 to 5.5 V
1.05VDDA1
1.1VDDA1
1.15VDDA1
V
THD
total harmonic distortion
pins 62 and 71 to 75
fi = 1 kHz;
Vi = 1 V (RMS)
−−71
−61
dB
0.03
0.09
%
Vimc(rms)
maximum conversion input
voltage level pins 62 and
71 to 75 (RMS value)
THD < 1%
1.1
−−
V
RES
DAC resolution
18
bits
(THD + N)/S
total harmonic distortion plus
noise-to-signal ratio for DAC
and operational amplifiers
RL >5kΩ AC;
Rfb = 2.7 kΩ; fi = 1 kHz;
Rref =18kΩ;
VoFS = 2.8 V (p-p);
maximum I2S-bus signal
−−70
−60
dB
DR
dynamic range of DAC
fi = 1 kHz; −60 dB;
A-weighted
92
102
dB
DS
digital silence of DAC
fi = 20 Hz to 17 kHz;
A-weighted
−−110
−100
dB
fxtalDSP
crystal frequency DSP part
36.86
MHz
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7707H
QFP80
plastic quad flat package; 80 leads (lead length 1.95 mm);
body 14
× 29 × 2.8 mm
SOT318-2


Similar Part No. - SAA7707H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
More results

Similar Description - SAA7707H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
   Car radio digital signal processor
2003 Nov 18
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com