Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84131-PLC Datasheet(PDF) 2 Page - EPCOS

Part # B84131-PLC
Description  Customer-Specific Filters for Power Line Communication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84131-PLC Datasheet(HTML) 2 Page - EPCOS

  B84131-PLC Datasheet HTML 1Page - EPCOS B84131-PLC Datasheet HTML 2Page - EPCOS B84131-PLC Datasheet HTML 3Page - EPCOS B84131-PLC Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
333 03/01
Customer-Specific Filters
B84131-PLC
for Power Line Communication
Circuit diagram
Technical data
Characteristics and ordering codes
Rated voltage VR
440/250 V~, 50/60 Hz
Rated current I R
referred to 40
°C ambient temperature
Test voltage VP
1770 V– , 2 s (line/line)
2700 V– , 2 s (lines/case)
Overload capability
1,5 · IR for 3 min per hour or
2,5 · IR für 30 s per hour
Leakage current I leak
at 250 V~, 50 Hz
Climatic category
25/100/21 (– 25
°C/+100 °C/21 days damp heat test)
in accordance with EN 60068-1
IR
A
Terminal
cross section
mm2
I leak
mA
Rtyp
m
Approx.
weight
kg
Ordering code
63
50
440
1,9
5,9
upon request
SSB1639-D
L1
L3
L1’
L3’
L2
PEN
L2’
PEN’
LOAD
LINE


Similar Part No. - B84131-PLC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84131-PLC EPCOS-B84131-PLC Datasheet
89Kb / 5P
   EMC filters
B84131-PLC EPCOS-B84131-PLC_06 Datasheet
89Kb / 5P
   EMC filters
More results

Similar Description - B84131-PLC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84132-MBS EPCOS-B84132-MBS Datasheet
158Kb / 5P
   Customer-Specific Filters for Base Stations
B84143-AFE1 EPCOS-B84143-AFE1 Datasheet
149Kb / 5P
   Customer-Specific Filters for AFE Converters
B84134-A20-R52 EPCOS-B84134-A20-R52 Datasheet
163Kb / 5P
   Customer-Specific Filters for Base Stations
B84143-AFE2 EPCOS-B84143-AFE2 Datasheet
155Kb / 5P
   Customer-Specific Filters for AFE Converters
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
EPCOS
B84299G0111 EPCOS-B84299G0111 Datasheet
123Kb / 4P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
logo
EPCOS
B84312C0112E001 EPCOS-B84312C0112E001 Datasheet
456Kb / 8P
   Filters for Communication Lines
logo
Murata Manufacturing Co...
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
EPCOS
B84299G0126A EPCOS-B84299G0126A Datasheet
509Kb / 9P
   Filters for Communication Lines
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com