Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7712 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7712
Description  Sound effects DSP
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7712 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7712 Datasheet HTML 7Page - NXP Semiconductors SAA7712 Datasheet HTML 8Page - NXP Semiconductors SAA7712 Datasheet HTML 9Page - NXP Semiconductors SAA7712 Datasheet HTML 10Page - NXP Semiconductors SAA7712 Datasheet HTML 11Page - NXP Semiconductors SAA7712 Datasheet HTML 12Page - NXP Semiconductors SAA7712 Datasheet HTML 13Page - NXP Semiconductors SAA7712 Datasheet HTML 14Page - NXP Semiconductors SAA7712 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
1999 Aug 05
11
Philips Semiconductors
Preliminary specification
Sound effects DSP
SAA7712H
8
FUNCTIONAL DESCRIPTION
8.1
Analog outputs
8.1.1
ANALOG OUTPUT CIRCUIT
Depending on the configuration of the equalizer sections,
the SAA7712H has 2 or 4 analog outputs which are
supplied by the same power supply. Each of these outputs
has a voltage and a current pin (see Fig.3). The signals are
available on 2 outputs (OUT0 and OUT1), or 4 outputs
(OUT0, OUT1, OUT2 and OUT3).
8.1.2
DAC FREQUENCY
The sample rate (fs) of the selected source is the frame
rate of the DSP. The word clock for the upsample filter and
the clock for the DACs, at 4fs, are derived internally from
the word select of the selected audio source.
Fig.3 Analog output circuit.
handbook, halfpage
MGS208
BIT 0 to 13
MSB
Vref
DAC
OUT0_V
(OUT1_V)
OUT0_I
(OUT1_I)
8.1.3
DACS
Each of the four low noise high dynamic range DACs
consists of a signed-magnitude DAC with current output,
followed by a buffer operational amplifier.
8.1.4
UPSAMPLE FILTER
To reduce spectral components above the audio band, a
fixed 4 times oversampling and interpolating digital filter is
used. The filters give an out-of-audio-band attenuation of
at least 29 dB. The filter is followed by a first-order noise
shaper to expand the dynamic range to more than 105 dB.
The band around multiples of the sample frequency of the
DAC (4fs) is not affected by the digital filter. A capacitor
must be added in parallel with the DAC output amplifier to
attenuate this out-of-band noise further to an acceptable
level.
In Fig.4 the overall frequency spectrum at the DAC audio
output without external capacitor or low-pass filter for the
audio sampling frequencies of 38 kHz is shown. In Fig.5
the detailed spectrum around fs is shown for an fs of
38, 44.1 and 48 kHz. The pass band bandwidth (
−3 dB) is
1
2fs.


Similar Part No. - SAA7712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7710T PHILIPS-SAA7710T Datasheet
187Kb / 28P
   Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
SAA7710T/N104 PHILIPS-SAA7710T/N104 Datasheet
187Kb / 28P
   Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
SAA7715 PHILIPS-SAA7715 Datasheet
180Kb / 36P
   Digital Signal Processor
2001 May 07
SAA7715H PHILIPS-SAA7715H Datasheet
180Kb / 36P
   Digital Signal Processor
2001 May 07
More results

Similar Description - SAA7712

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3303 ATMEL-ATSAM3303 Datasheet
182Kb / 25P
   GM-Lite Synthesizer/Professional Effects DSP
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
   ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
   MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
logo
Intersil Corporation
D2-926XX INTERSIL-D2-926XX Datasheet
911Kb / 37P
   Integrated DSP Digital Sound Processing
logo
Altonics Co., Ltd.
QS6400 ALTONICS-QS6400 Datasheet
362Kb / 8P
   Advanced ADPCM SOUND DSP for Mobile
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_14 Datasheet
2Mb / 271P
   3-band EQ and Bass Boost and 3D Sound Effects
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
December 2008 Rev 1
TS4999 STMICROELECTRONICS-TS4999 Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
logo
Texas Instruments
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
[Old version datasheet]   Digital Audio Processor With 3D Effects
logo
STMicroelectronics
AN2984 STMICROELECTRONICS-AN2984 Datasheet
224Kb / 8P
   Minimizing the SET-related effects
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com