Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7811HL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7811HL
Description  Single-chip DVD-ROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7811HL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7811HL Datasheet HTML 5Page - NXP Semiconductors SAA7811HL Datasheet HTML 6Page - NXP Semiconductors SAA7811HL Datasheet HTML 7Page - NXP Semiconductors SAA7811HL Datasheet HTML 8Page - NXP Semiconductors SAA7811HL Datasheet HTML 9Page - NXP Semiconductors SAA7811HL Datasheet HTML 10Page - NXP Semiconductors SAA7811HL Datasheet HTML 11Page - NXP Semiconductors SAA7811HL Datasheet HTML 12Page - NXP Semiconductors SAA7811HL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Oct 05
9
Philips Semiconductors
Preliminary specification
Single-chip DVD-ROM
SAA7811HL
XDA4
163
DRAM address
XDA5
164
DRAM address
XDA6
165
DRAM address
XDA7
166
DRAM address
XDA8
167
DRAM address
XDA9
168
DRAM address
VDDD(3CO)
169
core digital supply (3.3 V)
VSSD(3CO)
170
core digital ground
XRAS
171
DRAM RAS strobe
XCAS_HI
172
DRAM CAS strobe
XCAS_LO
173
DRAM CAS strobe
XWR
174
DRAM write strobe
VDDD1(3P)
175
pad digital supply (3.3 V)
VSSD1(3P)
176
pad digital ground (3.3 V)
XDD0
177
DRAM data bus
XDD1
178
DRAM data bus
XDD2
179
DRAM data bus
XDD3
180
DRAM data bus
XDD4
181
DRAM data bus
XDD5
182
DRAM data bus
XDD6
183
DRAM data bus
XDD7
184
DRAM data bus
XDD8
185
DRAM data bus
XDD9
186
DRAM data bus
XDD10
187
DRAM data bus
XDD11
188
DRAM data bus
XDD12
189
DRAM data bus
XDD13
190
DRAM data bus
XDD14
191
DRAM data bus
XDD15
192
DRAM data bus
VSSD1(3P)
193
pad digital ground (3.3 V)
VDDD1(3P)
194
pad digital supply (3.3 V)
IECO/CL1
195
IEC958 output/CL1 output from HDr62
MCK
196
multimedia master clock input/output (mode2 = MEAS_CFLG)
VDDD(3CO)
197
core digital supply (3.3 V)
VSSD(3CO)
198
core digital ground
WCLK_WSI
199
I2C-bus word clock output/input (mode2 = MEAS1)
BCLK_SCKI
200
I2C-bus bit clock output/input (mode2 = MON_D)
DATA_SDI
201
I2C-bus data output/input (mode2 = MON_A)
FLAG
202
I2C-bus flag output/input (mode2 = DEB_OUT)
TEST8
203
test output; leave unconnected
SYMBOL
PIN
DESCRIPTION


Similar Part No. - SAA7811HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
More results

Similar Description - SAA7811HL

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6546KV ROHM-BH6546KV Datasheet
124Kb / 3P
   One chip driver for slim CD-ROM/RW, DVD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
M3351 ETC1-M3351 Datasheet
723Kb / 1P
   DVD Single Chip
logo
Rohm
RLD2WMUV2 ROHM-RLD2WMUV2 Datasheet
86Kb / 3P
   DVD-ROM / player single mode 2wavelength laser diode
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5954FM ROHM-BA5954FM_1 Datasheet
102Kb / 6P
   BLT Driver For DVD-ROM
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
BA5986FM ROHM-BA5986FM Datasheet
94Kb / 10P
   CD-ROM / DVD BTL DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com