Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA8116 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA8116
Description  Digital PC-camera signal processor including microcontroller and USB interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8116 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA8116 Datasheet HTML 1Page - NXP Semiconductors SAA8116 Datasheet HTML 2Page - NXP Semiconductors SAA8116 Datasheet HTML 3Page - NXP Semiconductors SAA8116 Datasheet HTML 4Page - NXP Semiconductors SAA8116 Datasheet HTML 5Page - NXP Semiconductors SAA8116 Datasheet HTML 6Page - NXP Semiconductors SAA8116 Datasheet HTML 7Page - NXP Semiconductors SAA8116 Datasheet HTML 8Page - NXP Semiconductors SAA8116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
2001 May 04
3
Philips Semiconductors
Product specification
Digital PC-camera signal processor including
microcontroller and USB interface
SAA8116
QUICK REFERENCE DATA
Measured over full voltage and temperature range: VDD = 3.3 V ±10% and Tamb = 0 to 70 °C; unless specified.
Notes
1. Typical: VGA at 15 fps.
2. Maximum: SIF at 30 fps.
3. The crystal input frequency can be 12 or 48 MHz, depending on the use of the internal CPLL (selectable via
pin XSEL).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3.0
3.3
3.6
V
IDD(tot)
total supply current
VDD = 3.3 V; Tamb =25 °C (typ.)
85(1)
105(2)
mA
Vi
input voltage
3.0V<VDD < 3.6 V
low voltage TTL compatible
V
Vo
output voltage
3.0V<VDD < 3.6 V
low voltage TTL compatible
V
f(i)xtal
crystal input frequency
note 3
12 or 48
MHz
δ
crystal frequency duty factor
50
%
Ptot
total power dissipation; note 1 VDD = 3.3 V; Tamb =25 °C (typ.)
280
350
mW
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
0
25
70
°C
Tj
junction temperature
Tamb =70 °C
−40
+125
°C


Similar Part No. - SAA8116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
More results

Similar Description - SAA8116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
SAA8112HL PHILIPS-SAA8112HL Datasheet
137Kb / 40P
   Digital camera signal processor and microcontroller
2000 Jan 18
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
logo
Hitachi Semiconductor
HD49815TF HITACHI-HD49815TF Datasheet
91Kb / 25P
   Digital Camera Signal Processor
logo
Renesas Technology Corp
HD49815TF RENESAS-HD49815TF Datasheet
278Kb / 22P
   Digital Camera Signal Processor
logo
NXP Semiconductors
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
SAA9750H PHILIPS-SAA9750H Datasheet
114Kb / 24P
   Camera Digital Signal Processor CAMDSP
1996 Feb 16
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
SONiX Technology Compan...
SN9C2038AF SONIX-SN9C2038AF Datasheet
666Kb / 8P
   1.3M PIXELS DIGITAL STILL CAMERA SIGNAL PROCESSOR
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com