Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA8116HL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA8116HL
Description  Digital PC-camera signal processor including microcontroller and USB interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8116HL Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA8116HL Datasheet HTML 1Page - NXP Semiconductors SAA8116HL Datasheet HTML 2Page - NXP Semiconductors SAA8116HL Datasheet HTML 3Page - NXP Semiconductors SAA8116HL Datasheet HTML 4Page - NXP Semiconductors SAA8116HL Datasheet HTML 5Page - NXP Semiconductors SAA8116HL Datasheet HTML 6Page - NXP Semiconductors SAA8116HL Datasheet HTML 7Page - NXP Semiconductors SAA8116HL Datasheet HTML 8Page - NXP Semiconductors SAA8116HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2001 May 04
2
Philips Semiconductors
Product specification
Digital PC-camera signal processor including
microcontroller and USB interface
SAA8116
FEATURES
• Embedded microcontroller (80C51 core based) for
control loops Auto Optical Black (AOB), Auto White
Balance (AWB), Auto Exposure (AE) and USB interface
control
• Compliant for VGA CCD and VGA CMOS sensors
(RGB Bayer)
• USB 1.1 compliant bus-powered USB device with
integrated power management and POR circuit
• RGB processing
• Optical black processing
• Defect pixel concealment
• Programmable colour matrix
• RGB to YUV transform
• Programmable gamma correction (including knee)
• Programmable edge enhancement
• Video formatter with SIF/QSIF downscaler
• Compression engine
• Flexible Measurement Engine (ME) with up to eight
measurements per frame
• Internal Pulse Pattern Generator (PPG) for wide range
of VGA CCDs (Sony, Sharp and Panasonic) and frame
rate selection
• Programmable H and V timing for the support of CMOS
sensors
• Programmable output pulse for switched mode power
supply of the sensor
• 3-wire interface to control an external pre-processor IC,
such as the TDA8787A: Correlated Double
Sampling (CDS), Automatic Gain Control (AGC) and
10-bit ADC
• Analog microphone/audio input to USB: Low DropOut
(LDO) supply filter, microphone supply, low noise
amplifier, programmable amplifier, PLL and ADC
• Integrated analog USB driver (ATX)
• Integrated main oscillator, including a clock PLL, which
derives 48 MHz main system clock from a 12 or 48 MHz
fundamental crystal.
APPLICATION
• USB PC-camera (video and audio).
GENERAL DESCRIPTION
The SAA8116 is a highly integrated third generation
USB PC-camera ICs. It is the successor to the
SAA8112HL and SAA8115HL. It processes the digitized
sensor data and converts it to a high quality, compressed
YUV signal. Together with the audio signal, this video
signal is then properly formatted in USB packets.
In addition, an 80C51 microcontroller derivative with five
I/O ports, I2C-bus, 512 bytes of RAM and 32 kbytes of
program memory is embedded in the SAA8116. The
microcontroller is used in combination with the
programmable statistical measurement capabilities to
provide advanced AE, AWB and AOB. The microcontroller
is also used to control the USB interface.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA8116HL
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1
SAA8116ET
TFBGA112 plastic thin fine-pitch ball grid array package; 112 balls; body 7
× 7 × 0.8 mm SOT630-1


Similar Part No. - SAA8116HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
More results

Similar Description - SAA8116HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
SAA8112HL PHILIPS-SAA8112HL Datasheet
137Kb / 40P
   Digital camera signal processor and microcontroller
2000 Jan 18
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
logo
Hitachi Semiconductor
HD49815TF HITACHI-HD49815TF Datasheet
91Kb / 25P
   Digital Camera Signal Processor
logo
Renesas Technology Corp
HD49815TF RENESAS-HD49815TF Datasheet
278Kb / 22P
   Digital Camera Signal Processor
logo
NXP Semiconductors
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
   Digital camera USB interface
2000 Jan 27
SAA9750H PHILIPS-SAA9750H Datasheet
114Kb / 24P
   Camera Digital Signal Processor CAMDSP
1996 Feb 16
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
SONiX Technology Compan...
SN9C2038AF SONIX-SN9C2038AF Datasheet
666Kb / 8P
   1.3M PIXELS DIGITAL STILL CAMERA SIGNAL PROCESSOR
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com