Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL401 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBL401
Description  4.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBL401 Datasheet(HTML) 4 Page - Won-Top Electronics

  KBL401 Datasheet HTML 1Page - Won-Top Electronics KBL401 Datasheet HTML 2Page - Won-Top Electronics KBL401 Datasheet HTML 3Page - Won-Top Electronics KBL401 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBL400 – KBL410
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBL400
SIL Bridge
500 Units/Box
KBL401
SIL Bridge
500 Units/Box
KBL402
SIL Bridge
500 Units/Box
KBL404
SIL Bridge
500 Units/Box
KBL406
SIL Bridge
500 Units/Box
KBL408
SIL Bridge
500 Units/Box
KBL410
SIL Bridge
500 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBL400-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - KBL401

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBL401 SURGE-KBL401 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
KBL401 YFWDIODE-KBL401 Datasheet
474Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Pan Jit International I...
KBL401 PANJIT-KBL401 Datasheet
96Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBL401 JUXING-KBL401 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
First Components Intern...
KBL401 FCI-KBL401 Datasheet
73Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
More results

Similar Description - KBL401

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF40G ONSEMI-DBF40G Datasheet
697Kb / 2P
   4.0A Single-Phase Bridge Rectifier
June, 2014
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
   4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
   4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
   4.0A Single-Phase Bridge Rectifier
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com