Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL406 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBL406
Description  4.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBL406 Datasheet(HTML) 2 Page - Won-Top Electronics

  KBL406 Datasheet HTML 1Page - Won-Top Electronics KBL406 Datasheet HTML 2Page - Won-Top Electronics KBL406 Datasheet HTML 3Page - Won-Top Electronics KBL406 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBL400 – KBL410
2 of 4
© 2006 Won-Top Electronics
0
1
2
3
4
5
20
40
60
80
100
120
140
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Phase Half Wave
60 Hz Resistive or Inductive Load
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics, per element
T = 100°C
C
T = 25°C
A
0
50
100
150
200
250
110
100
8.3ms Single Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
0.01
0.1
1.0
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
Tj = 25ºC
Pulse Width = 300 s
2% Duty Cycle
µ
10


Similar Part No. - KBL406

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBL406 SURGE-KBL406 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
KBL406 BILIN-KBL406 Datasheet
137Kb / 3P
   Silicon Bridge Rectifiers
logo
Pan Jit International I...
KBL406 PANJIT-KBL406 Datasheet
96Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
KBL406 BYTESONIC-KBL406 Datasheet
357Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBL406 FCI-KBL406 Datasheet
73Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
More results

Similar Description - KBL406

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF40G ONSEMI-DBF40G Datasheet
697Kb / 2P
   4.0A Single-Phase Bridge Rectifier
June, 2014
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
   4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
   4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
   4.0A Single-Phase Bridge Rectifier
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
   4.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com