Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA9740H Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA9740H
Description  Advanced Auto Control Function A2CF
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA9740H Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA9740H Datasheet HTML 5Page - NXP Semiconductors SAA9740H Datasheet HTML 6Page - NXP Semiconductors SAA9740H Datasheet HTML 7Page - NXP Semiconductors SAA9740H Datasheet HTML 8Page - NXP Semiconductors SAA9740H Datasheet HTML 9Page - NXP Semiconductors SAA9740H Datasheet HTML 10Page - NXP Semiconductors SAA9740H Datasheet HTML 11Page - NXP Semiconductors SAA9740H Datasheet HTML 12Page - NXP Semiconductors SAA9740H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1996 Oct 10
9
Philips Semiconductors
Product specification
Advanced Auto Control Function (A2CF)
SAA9740H
DC CHARACTERISTICS
Tamb = −20 to +70 °C; VDD = 2.7 to 3.3 V; unless otherwise specified.
Note
1. 510H PAL; VDD = 3 V; all modes active.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IDD
supply current
note 1
12
25
mA
Input pins (TSTIN1 to TSTIN3, TST1, UV_SEL, UV0 to UV7, Y3 to Y7, WCLIP, RSTB, RDB, WRB, ASTB, VD, HD,
HSYNC, CLK1, CDS0 to CDS7, SCAN_T and AMSAL)
VIH
HIGH level input voltage
0.7VDD
−−
V
VIL
LOW level input voltage
−−
0.3VDD
V
IIH
HIGH level input current
VIH =VDD
−−
1
µA
IIL
LOW level input current
VIL =VSS
−−
−1
µA
Output pins (WDINT and TSTOUT1 to TSTOUT7; push pull output)
VOH
HIGH level output voltage
IOH = −20 µAVDD − 0.1 −−
V
IOH = −4mA
VDD − 0.5 −−
V
VOL
LOW level output voltage
IOL = +20 µA
−−
0.1
V
IOL =+4mA
−−
0.5
V
Output pins (WDMNT, LWDB and CLK2OUT; open-drain)
VOL
LOW level output voltage
IOL = +20 µA
−−
0.1
V
IOL =+4mA
−−
0.5
V
IOZ
3-state leakage current
VO =VDD
−−
5
µA
Bidirectional pins (IO0 to IO7)
VOH
HIGH level output voltage
IOH = −20 µAVDD − 0.1 −−
V
IOH = −8mA
VDD − 0.5 −−
V
VOL
LOW level output voltage
IOL = +20 µA
−−
0.1
V
IOL =+8mA
−−
0.5
V
VIH
HIGH level input voltage
0.7VDD
−−
V
VIL
LOW level input voltage
−−
0.3VDD
V
IIH
HIGH level input current
VIH =VDD
−−
1
µA
IIL
LOW level input current
VIL =VSS
−−
−1
µA
IOZ
3-state leakage current
VO =VDD or VSS
−−
±5
µA


Similar Part No. - SAA9740H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA9730 PHILIPS-SAA9730 Datasheet
30Kb / 2P
   INTEGRATED MULTIMEDIA & PERIPHERAL CONTROLLER
1998
SAA9750H PHILIPS-SAA9750H Datasheet
114Kb / 24P
   Camera Digital Signal Processor CAMDSP
1996 Feb 16
More results

Similar Description - SAA9740H

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SCH5617C SMSC-SCH5617C Datasheet
809Kb / 5P
   Desktop System Controller Hub with Advanced, 8051C-Based Auto Fan Control
logo
New Japan Radio
NJM2225 NJRC-NJM2225 Datasheet
309Kb / 11P
   VIDEO CAMERA AUTO-IRIS FUNCTION
logo
TXC Corporation.
AL-SERIES TXC-AL-SERIES Datasheet
1,001Kb / 1P
   Voltage Control Function Available.
7L-SERIES TXC-7L-SERIES Datasheet
996Kb / 1P
   Voltage Control Function Available.
7N-SERIES TXC-7N-SERIES_V01 Datasheet
1Mb / 1P
   Voltage Control Function Available
AQ-SERIES TXC-AQ-SERIES Datasheet
993Kb / 1P
   Voltage Control Function Available.
AK-SERIES TXC-AK-SERIES Datasheet
2Mb / 1P
   Voltage Control Function Available.
7N-SERIES TXC-7N-SERIES Datasheet
1Mb / 1P
   Voltage Control Function Available
7Q-SERIES TXC-7Q-SERIES Datasheet
980Kb / 1P
   Voltage Control Function Available.
7Z-SERIES TXC-7Z-SERIES Datasheet
974Kb / 1P
   Voltage Control Function Available.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com