Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX211CDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MAX211CDWR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX211CDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX211CDWR Datasheet HTML 3Page - Texas Instruments MAX211CDWR Datasheet HTML 4Page - Texas Instruments MAX211CDWR Datasheet HTML 5Page - Texas Instruments MAX211CDWR Datasheet HTML 6Page - Texas Instruments MAX211CDWR Datasheet HTML 7Page - Texas Instruments MAX211CDWR Datasheet HTML 8Page - Texas Instruments MAX211CDWR Datasheet HTML 9Page - Texas Instruments MAX211CDWR Datasheet HTML 10Page - Texas Instruments MAX211CDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MAX211
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS567E − MAY 2003 − REVISED JANUARY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
5 k
+5.5 V
+
0.1
µF
5.5 V
EN
V−
+
0.1
µF
C1+
C1−
+
0.1
µF
C2+
C2−
400 k
VCC
DIN
DOUT
3 k
ROUT
RIN
D1 to D4
R1 to R5
GND
SHDN
5.5 V
0-V or 5.5-V Drive
+
0.1
µF
5.5 V
ISHDN
VCC
+
0.1
µF
V+
Figure 1. Shutdown Current Test Circuit


Similar Part No. - MAX211CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211CDWR TI-MAX211CDWR Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211CDWR TI-MAX211CDWR Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211CDWRE4 TI-MAX211CDWRE4 Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX211CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com