Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1258BETM Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1258BETM
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1258BETM Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1258BETM Datasheet HTML 7Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 8Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 9Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 10Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 11Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 12Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 13Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 14Page - Maxim Integrated Products MAX1258BETM Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(AVDD = DVDD = 3V (MAX1257), external VREF = 2.5V (MAX1257), AVDD = DVDD = 5V (MAX1220/MAX1258), external VREF =
4.096V (MAX1220/MAX1258), fCLK = 3.6MHz (50% duty cycle), fSAMPLE = 225ksps, CLOAD = 50pF, 0.1µF capacitor at REF, TA =
+25°C, unless otherwise noted.)
DAC INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
3072
2048
1024
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
04096
MAX1220/MAX1258
DAC INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
3072
2048
1024
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
04096
MAX1257
DAC DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
2059
2056
2053
2050
-0.2
0
0.2
0.4
-0.4
2047
2062
MAX1220/MAX1258
DAC DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
2059
2056
2053
2050
-0.2
0
0.2
0.4
-0.4
2047
2062
MAX1257
0.2
0.4
0.8
0.6
1.0
1.2
DAC FULL-SCALE ERROR
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.750
5.000
4.875
5.125
5.250
MAX1220/MAX1258
EXTERNAL REFERENCE = 4.096V
0.2
0.4
0.8
0.6
1.0
1.2
DAC FULL-SCALE ERROR
vs. ANALOG SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
3.3
3.0
3.6
MAX1257
EXTERNAL REFERENCE = 2.5V
-6
-4
-2
0
2
4
6
8
10
-40
-15
10
35
60
85
DAC FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1220/MAX1258
EXTERNAL
REFERENCE = 4.096V
INTERNAL
REFERENCE
-6
-4
-2
0
2
4
6
8
10
-40
-15
10
35
60
85
DAC FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1257
EXTERNAL
REFERENCE = 2.5V
INTERNAL
REFERENCE
DAC FULL-SCALE ERROR
vs. REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
4
3
1
2
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
05
MAX1220/MAX1258


Similar Part No. - MAX1258BETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1258BETM MAXIM-MAX1258BETM Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1258BETM++ MAXIM-MAX1258BETM+ Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
More results

Similar Description - MAX1258BETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com