Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2043ETX+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2043ETX+T
Description  1700MHz to 3000MHz High-Linearity, Low LO Leakage Base-Station Rx/Tx Mixer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2043ETX+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2043ETX+T Datasheet HTML 2Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 3Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 9Page - Maxim Integrated Products MAX2043ETX+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1700MHz to 3000MHz High-Linearity,
Low LO Leakage Base-Station Rx/Tx Mixer
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX2043 Typical Application Circuit, C2 not installed, RFTAP = GND, VCC = +5.0V, PLO = 0dBm, LOSEL = “0” (LO2 selected), PRF =
0dBm, fLO > fRF, fIF = 200MHz, unless otherwise noted.)
Downconverter Curves
2LO - 2RF RESPONSE vs. RF FREQUENCY
LOSEL = "1" (LO1 SELECTED)
RF FREQUENCY (MHz)
2100
1900
1700
55
65
75
85
45
1500
2300
TC = +25
°C
TC = +25
°C, +85°C
TC = -40
°C
PRF = 0dBm
2LO - 2RF RESPONSE vs. RF FREQUENCY
LOSEL = "1" (LO1 SELECTED)
RF FREQUENCY (MHz)
2100
1900
1700
55
65
75
85
45
1500
2300
PRF = 0dBm
PLO = 0dBm
PLO = +3dBm
PLO = -3dBm
2LO - 2RF RESPONSE vs. RF FREQUENCY
LOSEL = "1" (LO1 SELECTED)
RF FREQUENCY (MHz)
2100
1900
1700
55
65
75
85
45
1500
2300
PRF = 0dBm
VCC = 5.25V
VCC = 4.75V, 5.0V, 5.25V
3LO - 3RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +85
°C
TC = -40
°C
TC = +25
°C
PRF = 0dBm
2100
1900
1700
55
65
75
85
45
1500
2300
3LO - 3RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = 0dBm, +3dBm
PLO = -3dBm
PRF = 0dBm
2100
1900
1700
55
65
75
85
45
1500
2300
3LO - 3RF RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
1900
1700
55
65
75
85
45
1500
2300
PRF = 0dBm
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
1900
1700
22
21
20
23
24
25
27
26
1500
2300
TC = +85
°C
TC = -40
°C
TC = +25
°C
PLO = 0dBm
PLO = +3dBm
PLO = -3dBm
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
1900
1700
22
21
20
23
24
25
27
26
1500
2300
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
2100
1900
1700
22
21
20
23
24
25
27
26
1500
2300
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V


Similar Part No. - MAX2043ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043EVKIT MAXIM-MAX2043EVKIT Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
More results

Similar Description - MAX2043ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
   High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com