Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX211IDWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX211IDWRG4
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX211IDWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX211IDWRG4 Datasheet HTML 4Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 5Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 6Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 7Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 8Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 9Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 10Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 11Page - Texas Instruments MAX211IDWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MAX211
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS567E − MAY 2003 − REVISED JANUARY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH (D)
Generator
(see Note B)
RL
RS-232
Output
tPHL (D)
CL
(see Note A)
SR(tr)
+
6V
t
PHL (D)
or t
PLH (D)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 120 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
1.5 V
1.5 V
3 V
−3 V
3 V
−3 V
0 V
SHDN
Figure 2. Driver Slew Rate and Propagation Delay Times
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH (D)
tPHL (D)
50%
50%
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 120 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
1.5 V
1.5 V
50
Generator
(see Note B)
RL
RS-232
Output
CL
(see Note A)
0 V
SHDN
Figure 3. Driver Pulse Skew
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
50%
50%
−3 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tPHL (R)
Generator
(see Note B)
tPLH (R)
Output
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
0 V
SHDN
0 V
EN
Figure 4. Receiver Propagation Delay Times


Similar Part No. - MAX211IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211IDWR TI-MAX211IDWR Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211IDWR TI-MAX211IDWR Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211IDWRE4 TI-MAX211IDWRE4 Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX211IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LV4737A TI1-SN75LV4737A_08 Datasheet
415Kb / 17P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4737A TI-SN75LV4737A Datasheet
193Kb / 13P
[Old version datasheet]   3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
[Old version datasheet]   3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com