Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD717C Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MMBD717C
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD717C Datasheet(HTML) 1 Page - Won-Top Electronics

  MMBD717C Datasheet HTML 1Page - Won-Top Electronics MMBD717C Datasheet HTML 2Page - Won-Top Electronics MMBD717C Datasheet HTML 3Page - Won-Top Electronics MMBD717C Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBD717 / A / C / S
1 of 4
© 2006 Won-Top Electronics
Pb
MMBD717 / A / C / S
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
!
Low Turn-on Voltage
L
!
Fast Switching
A
!
PN Junction Guard Ring for Transient and
ESD Protection
!
Designed for Surface Mount Application
B
C
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
M
                      
E
D
H
Mechanical Data
!
Case: SOT-23, Molded Plastic
K
!
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
G
!
Polarity: See Diagrams Below
!
Weight: 0.008 grams (approx.)
!
Mounting Position: Any
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
TOP VIEW
TOP VIEW
TOP VIEW
TOP VIEW
MMBD717 Marking: P70
MMBD717A Marking: P72
MMBD717C Marking: P73
MMBD717S Marking: P74
Maximum Ratings and Electrical Characteristics, Single Diode @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
Forward Continuous Current (Note 1)
IF
200
mA
Forward Surge Current (Note 1)
@ t < 1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
350
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
357
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +125
°C
Note: 1. Device on fiberglass substrate.
WTE
POWER SEMICONDUCTORS
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm


Similar Part No. - MMBD717C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD717C PANJIT-MMBD717C Datasheet
44Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717C PANJIT-MMBD717C Datasheet
147Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717C PANJIT-MMBD717C Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
MMBD717CW WTE-MMBD717CW Datasheet
45Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717CW PANJIT-MMBD717CW Datasheet
126Kb / 3P
   COMMON ANODE SCHOTTKY BARRIER DIODES
More results

Similar Description - MMBD717C

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com