Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3814 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3814
Description  DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3814 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3814 Datasheet HTML 3Page - Maxim Integrated Products MAX3814 Datasheet HTML 4Page - Maxim Integrated Products MAX3814 Datasheet HTML 5Page - Maxim Integrated Products MAX3814 Datasheet HTML 6Page - Maxim Integrated Products MAX3814 Datasheet HTML 7Page - Maxim Integrated Products MAX3814 Datasheet HTML 8Page - Maxim Integrated Products MAX3814 Datasheet HTML 9Page - Maxim Integrated Products MAX3814 Datasheet HTML 10Page - Maxim Integrated Products MAX3814 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DVI/HDMI TMDS FR-4 and
Cable Equalizer/Driver
_______________________________________________________________________________________
7
DRIVER
EQUALIZER
LIMITING
AMPLIFIER
TERMINATED
TO VCC
DRIVER
EQUALIZER
LIMITING
AMPLIFIER
TERMINATED
TO VCC
DRIVER
EQUALIZER
EQUALIZER
LIMITING
AMPLIFIER
TERMINATED
TO VCC
DRIVER
LIMITING
AMPLIFIER
TERMINATED
TO VCC
OUTD+/-
LEVEL
OUTPUT LEVEL CONTROL
OUTC+/-
OUTB+/-
OUTA+/-
INA+/-
INB+/-
INC+/-
IND+/-
ENABLE
MAX3814
Detailed Description
The MAX3814 TMDS equalizer/driver accepts differential
CML input data rates from 250Mbps to 1.65Gbps. It con-
sists of four differential CML input buffers, four indepen-
dent fixed equalizers, four limiting amplifiers, and four
differential CML output buffers (Figure 1). The MAX3814
functions both as an equalizer and as a driver.
As an equalizer the MAX3814 automatically adjusts for
attenuation levels up to 16dB at 825MHz from either
dielectric board losses or skin-effect losses in copper
cable.
As a driver the MAX3814 provides CML outputs. The
CML output is normally open (i.e., no back termination)
and is DC-coupled by transmission line to a termination
at the far end per DVI/HDMI standards. The MAX3814
provides nominally 10mA output-switching currents.
However, with the MAX3814, there is a selectable higher
current drive to accommodate a differential 200
Ω back
termination resistor while maintaining the differential
swing of 1000mVP-P. This 200
Ω back termination resistor
serves to dampen signal reflections returning to the
device from discontinuities in the channel such as DVI or
HDMI connectors, providing a 10dB return loss. See the
CML Inputs and Outputs section for more information.
Figure 1. Functional Diagram


Similar Part No. - MAX3814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
More results

Similar Description - MAX3814

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com