Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3814CHJ+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3814CHJ+
Description  DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3814CHJ+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3814CHJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DVI/HDMI TMDS FR-4 and
Cable Equalizer/Driver
8
_______________________________________________________________________________________
CML Inputs and Outputs
The input buffers and the output drivers are current-
mode logic (CML). See Figures 2, 3, and 4.
The input buffers consist of a 50
Ω load resistor connected
to VCC and the input connected to a differential equalizer.
The output drivers are open-collector. The current in
these outputs can be adjusted to 10mA or 15mA with
the control pin LEVEL. For 10mA operation, each open-
collector output drives through a transmission line to a
50
Ω pullup of the next stage, as shown in Figure 3. For
recommended 15mA operation, the two outputs are
bridged by an external 200
Ω back termination resistor
that is subsequently pulled up by a 50
Ω resistor of the
next stage, as shown in Figure 4. The ESD structure per-
mits signals to achieve 5.5V absolute maximum ratings,
high common-mode range, and compatibility to HDMI
testing. The back termination resistor should be placed
as close as possible to the MAX3814 in the layout.
The ESD protection for both the input and output circuitry
consists of diodes connected to a transient voltage sup-
pressor clamp shown as a Schottky diode in Figures 2,
3, and 4. For more information about the function of the
suppressor clamp, refer to the
Detailed Description sec-
tion of the MAX3208 (www.maxim-ic.com/MAX3208).
EQUALIZER
TRANSIENT
SUPRESSOR
CLAMP
VCC
VCC
IN_+
IN_-
50
Ω
50
Ω
+
-
TRANSIENT
SUPRESSOR
CLAMP
Figure 2. Simplified Input Circuit
5mA
50
Ω
50
Ω
ENABLE = HIGH
LEVEL = LOW
VT
TRANSIENT
SUPRESSOR
CLAMP
10mA
OUT_+
OUT_-
Figure 3. Simplified Output Circuit Without Back Termination
Resistor


Similar Part No. - MAX3814CHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
More results

Similar Description - MAX3814CHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com