Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3814CHJ+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3814CHJ+
Description  DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3814CHJ+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3814CHJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 13Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 14Page - Maxim Integrated Products MAX3814CHJ+ Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Cable TMDS Equalizer
The MAX3814 is useful in providing equalization for
cables losses at location ZZ, at the input DVI/HDMI
connector of the remote display. It can equalize cable
lengths of 15 meters of 26 AWG wire and 12 meters of
28 AWG wire. Again, the 200
Ω resistor placed at the
output of the MAX3814 absorbs reflections from the
imperfect termination of the ASIC or imperfect transmis-
sion-line interconnect.
Layout Considerations
The TMDS CML inputs are the most critical paths for
the MAX3814 and great care should be taken to mini-
mize discontinuities on these transmission lines
between the connector and the IC. Here are some sug-
gestions for maximizing the performance of the
MAX3814.
• The data and clock inputs should be wired direct-
ly between the cable connector and IC without
stubs.
• The 4-channel implementation treats all channels
identically. Input and output data channel designa-
tions are only a guide. Polarity assignments can be
swapped and channel paths can be interchanged.
• An uninterrupted ground plane should be posi-
tioned beneath the high-speed I/Os.
• Ground-path vias should be placed close to the
IC and the input/output interfaces to allow a return
current path to the IC and the DVI and HDMI
inputs.
• Maintain a 100
Ω differential transmission line
impedance into and out of the MAX3814.
• To minimize possible reflections, choose the
200
Ω back termination option. Place this resistor
as close to the MAX3814 as possible.
• Use good high-frequency layout techniques and
multilayer boards with an uninterrupted ground
plane to minimize EMI and crosstalk. Refer to the
schematic and board layers of the MAX3814EVKIT.
DVI/HDMI TMDS FR-4 and
Cable Equalizer/Driver
______________________________________________________________________________________
11
LAPTOP
DOCK
EXTERNAL DVI/HDMI
CABLE
DVI/HDMI
CONNECTOR
DVI/HDMI
CONNECTOR
MXM
CONNECTOR
DOCKING
CONNECTOR
REMOTE DISPLAY
GRAPHICS
BOARD
ASIC
ASIC
200
Ω
50
Ω
3.3V
50
Ω
3.3V
50
Ω
3.3V
50
Ω
3.3V
50
Ω
3.3V
50
Ω
3.3V
200
Ω
CMOS
ROUTING
SWITCH
50
Ω
3.3V
50
Ω
3.3V
200
Ω
MAX3814
MAX3814
MAX3814
Typical Application Circuits


Similar Part No. - MAX3814CHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814CHJ++ MAXIM-MAX3814CHJ+ Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
More results

Similar Description - MAX3814CHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
   DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com