Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFM350 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFM350
Description  POWER MOSFET THRU-HOLE (TO-254AA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFM350 Datasheet(HTML) 5 Page - International Rectifier

  IRFM350 Datasheet HTML 1Page - International Rectifier IRFM350 Datasheet HTML 2Page - International Rectifier IRFM350 Datasheet HTML 3Page - International Rectifier IRFM350 Datasheet HTML 4Page - International Rectifier IRFM350 Datasheet HTML 5Page - International Rectifier IRFM350 Datasheet HTML 6Page - International Rectifier IRFM350 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRFM350
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature


Similar Part No. - IRFM350

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFM350 SEME-LAB-IRFM350 Datasheet
20Kb / 2P
   N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFM350 IRF-IRFM350 Datasheet
244Kb / 7P
   Simple Drive Requirements
IRFM350 IRF-IRFM350_15 Datasheet
244Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFM350

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRFM250 NJSEMI-IRFM250 Datasheet
614Kb / 2P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM064 IRF-IRFM064 Datasheet
198Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM9240 IRF-IRFM9240 Datasheet
190Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM8240 IRF-IRFM8240 Datasheet
191Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM054 IRF-IRFM054 Datasheet
192Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM460 IRF-IRFM460 Datasheet
204Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
New Jersey Semi-Conduct...
IRFM240 NJSEMI-IRFM240 Datasheet
854Kb / 3P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM250 IRF-IRFM250 Datasheet
163Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM450 IRF-IRFM450 Datasheet
181Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM9140 IRF-IRFM9140 Datasheet
214Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com