Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC26C198 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC26C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C198 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC26C198 Datasheet HTML 5Page - NXP Semiconductors SC26C198 Datasheet HTML 6Page - NXP Semiconductors SC26C198 Datasheet HTML 7Page - NXP Semiconductors SC26C198 Datasheet HTML 8Page - NXP Semiconductors SC26C198 Datasheet HTML 9Page - NXP Semiconductors SC26C198 Datasheet HTML 10Page - NXP Semiconductors SC26C198 Datasheet HTML 11Page - NXP Semiconductors SC26C198 Datasheet HTML 12Page - NXP Semiconductors SC26C198 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
344
overrun error, and change of break. The first three are appended to
each byte and stored in the RxFIFO. The last two are not
necessarily related to the a byte being received or a byte that is in
the RxFIFO. They are however developed by the receiver state
machine
. The ”received break” will always be associated with a zero byte in
the RxFIFO. It means that zero character was a break character
and not a zero data byte. The reception of a break condition will
always set the ”change of break” (see below) status bit in the
Interrupt Status Register(ISR).
A framing error occurs when a non zero character was seen and
that character has a zero in the stop bit position.
The parity error indicates that the receiver generated parity was not
the same as that sent by the transmitter.
The overrun error occurs when the RxFIFO is full, the receiver shift
register is full and another start bit is detected. At this moment the
receiver has 17 valid characters and the start bit of the 18th has
been seen. At this point the host has approximately 7/16 bit time to
read a byte from the RxFIFO or the overrun condition will be set and
the 18th character will overrun the 17th and the 19th the 18th and so
on until an open position in the RxFIFO is seen. The meaning of the
overrun is that data has been lost. Data in the RxFIFO remains
valid. The receiver will begin placing characters in the RxFIFO as
soon as a position becomes vacant.
Note: Precaution must be taken when reading an overrun FIFO.
There will be 16 valid characters. Data will begin loading as soon as
the first character is read. The 17th. character will have been
received as valid but it will not be known how many characters were
lost between the two characters of the 16th. and 17th. reads of the
RxFIFO
The ”Change of break” means that either a break has been detected
or that the break condition has been cleared. This bit is available in
the ISR. The beginning of a break will be signaled by the break
change bit being set in the ISR AND the received break bit being set
in the SR. At the termination of the break condition only the change
of break in the ISR will be set. After the break condition is detected
the termination of the break will only be recognized when the RxD
input has returned to the high state for two successive edges of the
1x clock; 1/2 to 1 bit time.
The receiver is disabled by reset or via CR commands. A disabled
receiver will not interrupt the host CPU under any circumstance in
the normal mode of operation. If the receiver is in the multi-drop or
special mode, it will be partially enabled and thus may cause an
interrupt. Refer to section on Wake–Up and minor modes and the
register description for MR1 for more information.
Receiver FIFO
The receiver buffer memory is a 16 byte ripple FIFO with three
status bits appended to each data byte. (The FIFO is then 16 11 bit
”words”). The receiver state machine gathers the bits from the
receiver shift register and the status bits from the receiver logic and
writes the assembled byte and status bits to the RxFIFO. Logic
associated with the FIFO encodes the number of filled positions for
presentation to the interrupt arbitration system. The encoding is
always 1 less than the number of filled positions. Thus, a full
RxFIFO will bid with the value or 15; when empty it will not bit at all;
one position occupied bids with the value 0. An empty FIFO will not
bid since no character is available. Normally RxFIFO will present a
bid to the arbitration system when ever it has one or more filled
positions. The MR2[3:2 bits allow the user to modify this
characteristic so that bidding will not start until one of four levels
(one or more filled, 1/2 filled, 3/4 filled, full) have been reached. As
will be shown later this feature may be used to make slight
improvements in the interrupt service efficiency. A similar system
exists in the transmitter.
RxFIFO Status: Status reporting modes
The description below applies to the upper three bits in the ”Status
Register” These three bits are not ”in the status register”; They are
part of the RxFIFO. The three status bits at the top of the RxFIFO
are presented as the upper three bits of the status register included
in each UART.
The error status of a character , as reported by a read of the SR
(status register upper three bits) can be provided in two ways, as
programmed by the error mode control bit in the mode register:
”Character mode ” or the ”Block Mode”. The block mode may be
further modified (via a CR command) to set the status bits as the
characters enter the FIFO or as they are read from the FIFO.
In the ’character’ mode, status is provided on a character by
character basis as the characters are read from the RxFIFO: the
”status” applies only to the character at the top of the RxFIFO – The
next character to be read
In the ’block’ mode, the status provided in the SR for these three bits
is the logical OR of the status for all characters coming to the top of
the RxFIFO, since the last reset error command was issued. In this
mode each of the status bits stored in the RxFIFO are passed
through a latch as they are sequentially read. If any of the
characters has an error bit set then that latch will set and remain set
until reset with an ”Reset Error” command from the command
register or a receiver reset. The purpose of this mode is indicating
an error in the data block as opposed to an error in a character
The latch used in the block mode to indicate ”problem data” is
usually set as the characters are read out of the RxFIFO. Via a
command in the CR the latch may be configured to set the latch as
the characters are pushed (loaded to) the RxFIFO. This gives the
advantage of indicating ”problem data” 16 characters earlier .
In either mode, reading the SR does not affect the RxFIFO. The
RxFIFO is ’popped’ only when the RxFIFO is read. Therefore, the
SR should be read prior to reading the corresponding data
character.
If the RxFIFO is full when a new character is received, that
character is held in the receive shift register until a RxFIFO position
is available. At this time there are 17 valid characters in the
RxFIFO. If an additional character is received while this state exists,
the contents of the RxFIFO are not affected: the character
previously in the shift register is lost and the overrun error status bit,
SR[4], will be set upon receipt of the start bit of the new
(overrunning) character.
I/O ports
Each of the eight UARTs includes four I/O ports equipped with
”change of state” detectors. The pins are individually programmable
for an input only function or one of three output functions. These
functions are controlled by the ”I/O Port Configuration Register
(I/OPCR)) They will normally be used for the RTSN–CTSN, DTR
hardware signals, RxD or TxD input or output clocks or switch inputs
as well as data out put from the I/OPIOR register.
It is important to note that the input circuits are always active. That
is the signal on a port, whether it is derived from an internal or
external source is always available to the internal circuits associated
with an input on that port.
The ”Change of State” (COS) detectors are sensitive to both a 1 to 0
or a 0 to 1 transition. The detectors are controlled by the internal


Similar Part No. - SC26C198

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
SC26C562A8A PHILIPS-SC26C562A8A Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562C1A PHILIPS-SC26C562C1A Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562C1A PHILIPS-SC26C562C1A Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
More results

Similar Description - SC26C198

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
   Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
   Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
logo
Exar Corporation
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com