Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGB4B60K Datasheet(PDF) 6 Page - International Rectifier

Part # IRGB4B60K
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB4B60K Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGB4B60K Datasheet HTML 2Page - International Rectifier IRGB4B60K Datasheet HTML 3Page - International Rectifier IRGB4B60K Datasheet HTML 4Page - International Rectifier IRGB4B60K Datasheet HTML 5Page - International Rectifier IRGB4B60K Datasheet HTML 6Page - International Rectifier IRGB4B60K Datasheet HTML 7Page - International Rectifier IRGB4B60K Datasheet HTML 8Page - International Rectifier IRGB4B60K Datasheet HTML 9Page - International Rectifier IRGB4B60K Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IRGB/S/SL4B60K
6
www.irf.com
Fig. 13 - Typ. Switching Time vs. IC
TJ = 150°C; L=2.5mH; VCE= 400V
RG= 100Ω; VGE= 15V
Fig. 12 - Typ. Energy Loss vs. IC
TJ = 150°C; L=2.5mH; VCE= 400V,
RG= 100Ω; VGE= 15V
Fig. 15 - Typ. Switching Time vs. RG
TJ = 150°C; L=2.5mH; VCE= 400V
ICE= 4.0A; VGE= 15V
Fig. 14 - Typ. Energy Loss vs. RG
TJ = 150°C; L=2.5mH; VCE= 400V
ICE= 4.0A; VGE= 15V
123
4567
89
10
IC (A)
0
50
100
150
200
250
300
350
EOFF
EON
0
100
200
300
400
500
RG (Ω)
0
50
100
150
200
250
300
350
EON
EOFF
0
2
4
6
8
10
IC (A)
1
10
100
1000
tR
tdOFF
tF
tdON
0
100
200
300
400
500
RG (Ω)
10
100
1000
tR
tdOFF
tF
tdON


Similar Part No. - IRGB4B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4B60KD1 IRF-IRGB4B60KD1 Datasheet
377Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4B60KD1 IRF-IRGB4B60KD1 Datasheet
376Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
IRGB4B60KD1PBF IRF-IRGB4B60KD1PBF Datasheet
434Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4B60KD1PBF IRF-IRGB4B60KD1PBF Datasheet
442Kb / 16P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4B60KPBF IRF-IRGB4B60KPBF Datasheet
324Kb / 14P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRGB4B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com