Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4065PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGP4065PBF
Description  PDP TRENCH IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4065PBF Datasheet(HTML) 3 Page - International Rectifier

  IRGP4065PBF Datasheet HTML 1Page - International Rectifier IRGP4065PBF Datasheet HTML 2Page - International Rectifier IRGP4065PBF Datasheet HTML 3Page - International Rectifier IRGP4065PBF Datasheet HTML 4Page - International Rectifier IRGP4065PBF Datasheet HTML 5Page - International Rectifier IRGP4065PBF Datasheet HTML 6Page - International Rectifier IRGP4065PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRGP4065PbF
www.irf.com
3
Fig 1. Typical Output Characteristics @ 25°C
Fig 3. Typical Output Characteristics @ 125°C
Fig 4. Typical Output Characteristics @ 150°C
Fig 2. Typical Output Characteristics @ 75°C
Fig 5. Typical Transfer Characteristics
Fig 6. VCE(ON) vs. Gate Voltage
02468
10
12
14
16
VCE (V)
0
40
80
120
160
200
240
280
320
360
TOP
V
GE
= 18V
V
GE
= 15V
V
GE
= 12V
V
GE
= 10V
V
GE
= 8.0V
BOTTOM
V
GE
= 6.0V
02468
10
12
14
16
VCE (V)
0
40
80
120
160
200
240
280
TOP
V
GE
= 18V
V
GE
= 15V
V
GE
= 12V
V
GE
= 10V
V
GE
= 8.0V
BOTTOM
V
GE
= 6.0V
0
5
10
15
20
VGE (V)
0
5
10
15
20
TJ = 25°C
TJ = 150°C
IC = 25A
0
5
10
15
20
VGE, Gate-to-Emitter Voltage (V)
0
100
200
300
400
500
600
TJ = 25°C
TJ = 125°C
02468
10
12
14
16
VCE (V)
0
40
80
120
160
200
TOP
V
GE
= 18V
V
GE
= 15V
V
GE
= 12V
V
GE
= 10V
V
GE
= 8.0V
BOTTOM
V
GE
= 6.0V
TOP
V
GE
= 18V
V
GE
= 15V
V
GE
= 12V
V
GE
= 10V
V
GE
= 8.0V
BOTTOM
V
GE
= 6.0V
02468
10
12
14
16
VCE (V)
0
40
80
120
160
200


Similar Part No. - IRGP4065PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4065DPBF IRF-IRGP4065DPBF Datasheet
344Kb / 7P
   PDP TRENCH IGBT
More results

Similar Description - IRGP4065PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
   PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
   PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
   PDP TRENCH IGBT
IRG6B330UDPBF IRF-IRG6B330UDPBF Datasheet
275Kb / 7P
   PDP TRENCH IGBT
IRGI4085PBF IRF-IRGI4085PBF Datasheet
768Kb / 7P
   PDP TRENCH IGBT
IRGP4055PBF IRF-IRGP4055PBF Datasheet
245Kb / 7P
   PDP TRENCH IGBT
IRG7IC28UPBF IRF-IRG7IC28UPBF Datasheet
287Kb / 7P
   PDP TRENCH IGBT
09/02/2010
IRG7R313UPBF IRF-IRG7R313UPBF Datasheet
242Kb / 8P
   PDP TRENCH IGBT
3/31/10
IRGB4065PBF IRF-IRGB4065PBF Datasheet
785Kb / 9P
   PDP TRENCH IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com