Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13045E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX13045E
Description  1.62V to 3.6V Improved High-Speed LLT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13045E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX13045E Datasheet HTML 5Page - Maxim Integrated Products MAX13045E Datasheet HTML 6Page - Maxim Integrated Products MAX13045E Datasheet HTML 7Page - Maxim Integrated Products MAX13045E Datasheet HTML 8Page - Maxim Integrated Products MAX13045E Datasheet HTML 9Page - Maxim Integrated Products MAX13045E Datasheet HTML 10Page - Maxim Integrated Products MAX13045E Datasheet HTML 11Page - Maxim Integrated Products MAX13045E Datasheet HTML 12Page - Maxim Integrated Products MAX13045E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1.62V to 3.6V Improved High-Speed LLT
_______________________________________________________________________________________
9
Detailed Description
The MAX13042E–MAX13045E 4-channel, bidirectional
level translators provide the level shifting necessary for
100Mbps data transfer in multivoltage systems. The
MAX13042E–MAX13045E are ideally suited for level
translation in systems with four channels. Externally
applied voltages, VCC and VL, set the logic levels on
either side of the device. Logic signals present on the
VL side of the device appear as a high-voltage logic
signal on the VCC side of the device and vice-versa.
The MAX13042E–MAX13045E operate at full speed
with external drivers that source as little as 4mA output
current. Each I/O channel is pulled up to VCC or VL by
an internal 30µA current source, allowing the
MAX13042E–MAX13045E to be driven by either push-
pull or open-drain drivers.
The MAX13042E–MAX13045E feature an enable (EN)
input that places the devices into a low-power shutdown
mode when driven low. The MAX13042E–MAX13045E
feature an automatic shutdown mode that disables the
part when VCC is less than VL. The state of I/O VCC_ and
I/O VL_ during shutdown is chosen by selecting the
appropriate part version (see the Ordering Information/
Selector Guide).
The MAX13042E–MAX13045E operate with VCC volt-
ages from +2.2V to +3.6V and VL voltages from +1.62V
to +3.2V.
Level Translation
For proper operation, ensure that +2.2V
≤ VCC
≤ +3.6V, +1.62V ≤ VL ≤ VCC - 0.2V. When power is
supplied to VL while VCC is missing or less than VL, the
MAX13042E–MAX13045E automatically enter a low-
power mode. The devices will also enter shutdown mode
when EN = 0V. This allows VCC to be disconnected and
still have a known state on I/O VL_. The maximum data
rate depends heavily on the load capacitance (see the
Rise/Fall Time vs. Capacitive Load graphs in the Typical
Operating Characteristics), output impedance of the
driver, and the operating voltage range.
Input Driver Requirements
The MAX13042E–MAX13045E architecture is based on
an nMOS pass gate and output accelerator stages
(Figure 6). The accelerators are active only when there
is a rising/falling edge on a given I/O. A short pulse is
then generated where the output accelerator stages
become active and charge/discharge the capacitances
at the I/Os. Due to its architecture, both input stages
become active during the one-shot pulse. This can lead
to current feeding into the external source that is driving
the translator. However, this behavior helps to speed
up the transition on the driven side.
The MAX13042E–MAX13045E have internal current
sources capable of sourcing 30µA to pull up the I/O
lines. These internal-pullup current sources allow the
inputs to be driven with open-drain drivers as well as
push-pull drivers. It is not recommended to use external
pullup resistors on the I/O lines. The architecture of the
MAX13042E–MAX13045E permits either side to be dri-
ven with a minimum of 4mA drivers or larger.
Output Load Requirements
The MAX13042E–MAX13045E I/O are designed to drive
CMOS inputs. Do not load the I/O lines with a resistive
load less than 25k
Ω and do not place an RC circuit at
the input of these devices to slow down the edges. If a
slower rise/fall time is required, refer to the MAX3000E/
MAX3001E logic-level translator data sheet.
MAX13042E–MAX13045E
VL
VCC
I/O VL1
I/O VL2
I/O VL3
I/O VL4
I/O VL1
I/O VCC1
I/O VCC2
I/O VCC3
I/O VCC4
GND
EN
Functional Diagram


Similar Part No. - MAX13045E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX13041 MAXIM-MAX13041 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
More results

Similar Description - MAX13045E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13055E MAXIM-MAX13055E Datasheet
60Kb / 2P
   1.62V to 3.6V, 8-Channel, High-Speed LLT
Rev 0; 7/09
logo
Diodes Incorporated
PI7C9X752 DIODES-PI7C9X752 Datasheet
2Mb / 47P
   High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
Rev 3 - 2 April 2019
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
logo
Exar Corporation
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M2752 EXAR-XR16M2752_07 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com