Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13045E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13045E
Description  1.62V to 3.6V Improved High-Speed LLT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13045E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13045E Datasheet HTML 2Page - Maxim Integrated Products MAX13045E Datasheet HTML 3Page - Maxim Integrated Products MAX13045E Datasheet HTML 4Page - Maxim Integrated Products MAX13045E Datasheet HTML 5Page - Maxim Integrated Products MAX13045E Datasheet HTML 6Page - Maxim Integrated Products MAX13045E Datasheet HTML 7Page - Maxim Integrated Products MAX13045E Datasheet HTML 8Page - Maxim Integrated Products MAX13045E Datasheet HTML 9Page - Maxim Integrated Products MAX13045E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1.62V to 3.6V Improved High-Speed LLT
6
_______________________________________________________________________________________
Pin Description
PIN
UCSP
TDFN
NAME
FUNCTION
A1
8
I/O VCC4
Input/Output 4. Referenced to VCC.
A2
10
I/O VCC3
Input/Output 3. Referenced to VCC.
A3
12
I/O VCC2
Input/Output 2. Referenced to VCC.
A4
14
I/O VCC1
Input/Output 1. Referenced to VCC.
B1
9
VCC
Power-Supply Voltage, +2.2V to +3.6V. Bypass VCC to GND with a
0.1µF ceramic capacitor. For full ESD protection, connect an
additional 1µF ceramic capacitor from VCC to GND as close to the
VCC input as possible.
B2
6
VL
Logic Supply Voltage, +1.62V to +3.2V. Bypass VL to GND with a
0.1µF ceramic capacitor placed as close to the device as possible.
B3
2
EN
Enable Input. Drive EN to GND for shutdown mode, or drive EN to
VL or VCC for normal operation.
B4
13
GND
Ground
C1
7
I/O VL4
Input/Output 4. Referenced to VL.
C2
5
I/O VL3
Input/Output 3. Referenced to VL.
C3
3
I/O VL2
Input/Output 2. Referenced to VL.
C4
1
I/O VL1
Input/Output 1. Referenced to VL.
4, 11
N.C.
No Connection. Leave N.C. unconnected.
EP
EP
Exposed Pad. Connect exposed pad to GND.
Typical Operating Characteristics (continued)
(VCC = 3.3V, VL = 1.8V, CIOVCC_ = 10pF, CIOVL_ = 15pF, RSOURCE = 150
Ω, data rate = 100Mbps, push-pull driver, TA = +25°C,
unless otherwise noted.)
TYPICAL I/O VL_ DRIVING
(FREQUENCY = 26MHz, CIOVCC_ = 40pF)
I/O VL_
1V/div
I/O VCC_
2V/div
10ns/div
TYPICAL I/O VCC_ DRIVING
(FREQUENCY = 26MHz, CIOVL_ = 15pF)
I/O VL_
1V/div
I/O VCC_
2V/div
10ns/div


Similar Part No. - MAX13045E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX13041 MAXIM-MAX13041 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
More results

Similar Description - MAX13045E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13055E MAXIM-MAX13055E Datasheet
60Kb / 2P
   1.62V to 3.6V, 8-Channel, High-Speed LLT
Rev 0; 7/09
logo
Diodes Incorporated
PI7C9X752 DIODES-PI7C9X752 Datasheet
2Mb / 47P
   High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
Rev 3 - 2 April 2019
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
logo
Exar Corporation
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M2752 EXAR-XR16M2752_07 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com