Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15012BASA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15012BASA+
Description  175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15012BASA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15012BASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 11Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 12Page - Maxim Integrated Products MAX15012BASA+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
175V/2A, High-Speed,
Half-Bridge MOSFET Drivers
_______________________________________________________________________________________
9
Detailed Description
The MAX15012/MAX15013 are 175V/2A high-speed,
half-bridge MOSFET drivers that operate from a supply
voltage of +8V to +12.6V. The drivers are intended to
drive a high-side switch without any isolation device
like an optocoupler or drive transformer. The high-side
driver is controlled by a TTL/CMOS logic signal refer-
enced to ground. The 2A source and sink drive capa-
bility is achieved by using low RDS_ON, p- and
n-channel driver output stages. The BiCMOS process
allows extremely fast rise/fall times and low propaga-
tion delays. The typical propagation delay from the
logic-input signal to the driver output is 35ns with a
matched propagation delay of 2ns typical. Matching
these propagation delays is as important as the
absolute value of the delay itself. The high 175V input
voltage range allows plenty of margin above the 100V
transient specification per telecom standards.
The maximum operating supply voltage (VDD) must be
reduced linearly from 12.6V to 10.5V when the maxi-
mum voltage (VHS_MAX) increases from 125V to 175V.
See the Typical Operating Characteristics.
Undervoltage Lockout
Both the high- and low-side drivers feature undervolt-
age lockout (UVLO). The low-side driver’s UVLOLOW
threshold is referenced to GND and pulls both driver
outputs low when VDD falls below 6.8V. The high-side
driver has its own UVLO threshold (UVLOHIGH), refer-
enced to HS, and pulls DH low when BST falls below
6.4V with respect to HS.
During turn-on, once VDD rises above its UVLO thresh-
old, DL starts switching and follows the IN_L logic input.
At this time, the bootstrap capacitor is not charged and
the BST-to-HS voltage is below UVLOBST. For synchro-
nous buck and half-bridge converter topologies, the
bootstrap capacitor can charge up in one cycle and
normal operation begins in a few microseconds after
the BST-to-HS voltage exceeds UVLOBST. In the two-
switch forward topology, the BST capacitor takes some
time (a few hundred microseconds) to charge and
increase its voltage above UVLOBST.
The typical hysteresis for both UVLO thresholds is 0.5V.
The bootstrap capacitor value should be selected care-
fully to avoid unintentional oscillations during turn-on
and turn-off at the DH output. Choose the capacitor
value about 20 times higher than the total gate capaci-
tance of the MOSFET. Use a low-ESR-type X7R dielec-
tric ceramic capacitor at BST (typically a 0.1µF ceramic
capacitor is adequate) and a parallel combination of
1µF and 0.1µF ceramic capacitors from VDD to GND.
The high-side MOSFET’s continuous on-time is limited
due to the charge loss from the high-side driver’s qui-
escent current. The maximum on-time is dependent on
the size of CBST, IBST (40µA max), and UVLOBST.
Output Driver
The MAX15012/MAX15013 have low 2.5
Ω RDS_ON p-
channel and n-channel devices (totem pole) in the out-
put stage. This allows for a fast turn-on and turn-off of the
high gate-charge switching MOSFETs. The peak source
and sink current is typically 2A. Propagation delays from
the logic inputs to the driver outputs are matched to
within 8ns. The internal p- and n-channel MOSFETs have
a 1ns break-before-make logic to avoid any cross con-
duction between them. This internal break-before-make
logic eliminates shoot-through currents reducing the
operating supply current as well as the spikes at VDD.
The DL voltage is approximately equal to VDD, the DH-
to-HS voltage is approximately equal to VDD minus a
diode drop, when they are in a high state and to zero
when in a low state. The driver RDS_ON is lower at higher
VDD. Lower RDS_ON means higher source and sink cur-
rents and faster switching speeds.
Internal Bootstrap Diode
An internal diode connects from VDD to BST and is used
in conjunction with a bootstrap capacitor externally con-
nected between BST and HS. The diode charges the
capacitor from VDD when the DL low-side switch is on
and isolates VDD when HS is pulled high as the high-
side driver turns on (see the Typical Operating Circuit).
The internal bootstrap diode has a typical forward volt-
age drop of 0.9V and has a 10ns typical turn-off/turn-on
time. For lower voltage drops from VDD to BST, connect
an external Schottky diode between VDD and BST.
Driver Logic Inputs (IN_H, IN_L)
The MAX15012A/B are CMOS (VDD / 2) logic-input dri-
vers while the MAX15013A/B have TTL-compatible logic
inputs. The logic-input signals are independent of VDD.
For example, the IC can be powered by a 10V supply
while the logic inputs are provided from a 12V CMOS
logic. Also, the logic inputs are protected against volt-
age spikes up to 14V, regardless of the VDD voltage.
The TTL and CMOS logic inputs have 250mV and 1.6V
hysteresis, respectively, to avoid double pulsing during
transition. The logic inputs are high-impedance pins and
should not be left floating. The low 2.5pF input capaci-
tance reduces loading and increases switching speed.
The noninverting inputs are pulled down to GND and the
inverting inputs are pulled up to VDD internally using a
1M
Ω resistor. The PWM output from the controller must
assume a proper state while powering up the device.
With the logic inputs floating, the DH and DL outputs pull
low as VDD rises up above the UVLO threshold.


Similar Part No. - MAX15012BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012BASA MAXIM-MAX15012BASA Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
More results

Similar Description - MAX15012BASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
   125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com