Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNJ57133SE Datasheet(PDF) 3 Page - International Rectifier

Part # IRHNJ57133SE
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ57133SE Datasheet(HTML) 3 Page - International Rectifier

  IRHNJ57133SE Datasheet HTML 1Page - International Rectifier IRHNJ57133SE Datasheet HTML 2Page - International Rectifier IRHNJ57133SE Datasheet HTML 3Page - International Rectifier IRHNJ57133SE Datasheet HTML 4Page - International Rectifier IRHNJ57133SE Datasheet HTML 5Page - International Rectifier IRHNJ57133SE Datasheet HTML 6Page - International Rectifier IRHNJ57133SE Datasheet HTML 7Page - International Rectifier IRHNJ57133SE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRHNJ57133SE, JANSR2N7485U3
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Parameter
100K Rads (Si)
Units
Test Conditions ˆ
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
130
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS=104V, VGS=0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
0.082
VGS = 12V, ID = 12.5A
RDS(on)
Static Drain-to-Source
„
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 20A
On-State Resistance (SMD-0.5)
0.08
VGS = 12V, ID = 12.5A
Ion
LET
Energy
Range
V
DS (V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS=0V @VGS=-5V
@V
GS=-10V
@V
GS=-15V
@V
GS=-20V
Br
36.7
309
39.5
130
130
130
130
130
I
59.8
341
32.5
130
130
130
100
50
Au
82.3
350
28.4
130
120
30
0
30
60
90
120
150
-20
-15
-10
-5
0
VGS
Br
I
Au
Table 2. Single Event Effect Safe Operating Area


Similar Part No. - IRHNJ57133SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57133SE IRF-IRHNJ57133SE Datasheet
183Kb / 8P
   Simple Drive Requirements
IRHNJ57133SE IRF-IRHNJ57133SE_15 Datasheet
183Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNJ57133SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ7330SE IRF-IRHNJ7330SE Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67230 IRF-IRHNJ67230 Datasheet
144Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7430SE IRF-IRHNJ7430SE Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ597130 IRF-IRHNJ597130 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57230SE IRF-IRHNJ57230SE Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ9130 IRF-IRHNJ9130 Datasheet
126Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ67134 IRF-IRHNJ67134 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-0.5)
IRHNJ7230 IRF-IRHNJ7230 Datasheet
129Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com