Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15020 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15020
Description  2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15020 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15020 Datasheet HTML 1Page - Maxim Integrated Products MAX15020 Datasheet HTML 2Page - Maxim Integrated Products MAX15020 Datasheet HTML 3Page - Maxim Integrated Products MAX15020 Datasheet HTML 4Page - Maxim Integrated Products MAX15020 Datasheet HTML 5Page - Maxim Integrated Products MAX15020 Datasheet HTML 6Page - Maxim Integrated Products MAX15020 Datasheet HTML 7Page - Maxim Integrated Products MAX15020 Datasheet HTML 8Page - Maxim Integrated Products MAX15020 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX15020 high-voltage step-down DC-DC con-
verter operates over an input voltage range of 7.5V to
40V. The device integrates a 0.2Ω high-side switch and
is capable of delivering 2A load current with excellent
load and line regulation. The output is dynamically
adjustable from 0.5V to 36V through the use of an exter-
nal reference input (REFIN). The MAX15020 consumes
only 6µA in shutdown mode.
The device utilizes feed-forward voltage-mode architec-
ture for good noise immunity in the high-voltage switch-
ing environment and offers external compensation for
maximum flexibility. The switching frequency is selec-
table to 300kHz or 500kHz and can be synchronized to
an external clock signal of 100kHz to 500kHz by using
the SYNC input. The IC features a maximum duty cycle
of 95% (typ) at 300kHz.
The device includes configurable undervoltage lockout
(UVLO) and soft-start. Protection features include
cycle-by-cycle current limit, hiccup-mode for output
short-circuit protection, and thermal shutdown. The
MAX15020 is available in a 20-pin TQFN 5mm x 5mm
package and is rated for operation over the
-40°C to +125°C temperature range.
Applications
Printer Head Driver Power Supply
Automotive Power Supply
Industrial Power Supply
Step-Down Power Supply
Features
o Wide 7.5V to 40V Input Voltage Range
o 2A Output Current, Up to 96% Efficiency
o Dynamic Programmable Output Voltage (0.5V to
36V)
o Maximum Duty Cycle of 95% (typ) at 300kHz
o 100kHz to 500kHz Synchronizable SYNC
Frequency Range
o Configurable UVLO and Soft-Start
o Low-Noise, Voltage-Mode Step-Down Converter
o Programmable Output-Voltage Slew Rate
o Lossless Constant Current Limit with Fixed
Timeout to Hiccup Mode
o Extremely Low-Power Consumption (< 6µA typ) in
Shutdown Mode
o 20-Pin (5mm x 5mm) Thin QFN Package
2A, 40V Step-Down DC-DC Converter with
Dynamic Output-Voltage Programming
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
MAX15020
ON/OFF
IN
DVREG
VOUT
(0.5V TO 36V)
LX
REFOUT
REFIN
EP
SS
PWM
INPUT
VIN
(7.5V TO 40V)
BST
FB
COMP
SYNC GND FSEL PGND
REG
Typical Operating Circuit
19-0811; Rev 0; 4/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead-free package.
*
EP = Exposed pad.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX15020ATP+
-40°C to +125°C
20 TQFN-EP*
(5mm x 5mm)
T2055-5
Pin Configuration appears at end of data sheet.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX15020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020 MAXIM-MAX15020 Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
MAX15020 MAXIM-MAX15020 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020ATP MAXIM-MAX15020ATP Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
MAX15020ATP++ MAXIM-MAX15020ATP+ Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
More results

Similar Description - MAX15020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com