Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHY57230CMSE Datasheet(PDF) 3 Page - International Rectifier

Part # IRHY57230CMSE
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY57230CMSE Datasheet(HTML) 3 Page - International Rectifier

  IRHY57230CMSE Datasheet HTML 1Page - International Rectifier IRHY57230CMSE Datasheet HTML 2Page - International Rectifier IRHY57230CMSE Datasheet HTML 3Page - International Rectifier IRHY57230CMSE Datasheet HTML 4Page - International Rectifier IRHY57230CMSE Datasheet HTML 5Page - International Rectifier IRHY57230CMSE Datasheet HTML 6Page - International Rectifier IRHY57230CMSE Datasheet HTML 7Page - International Rectifier IRHY57230CMSE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
IRHY57230CMSE, JANSR2N7489T3
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
For footnotes refer to the last page
Parameter
100K Rads (Si)
Units
Test Conditions ˆ
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS=160V, VGS=0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
0.232
VGS = 12V, ID = 7.6A
RDS(on)
Static Drain-to-Source
„
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 12A
On-State Resistance (TO-257AA)
0.23
VGS = 12V, ID = 7.6A
Ion
LET
Energy
Range
V
DS (V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS=0V @VGS=-5V
@V
GS=-10V
@V
GS=-15V
@V
GS=-20V
Br
36.7
309
39.5
200
200
200
200
200
I
59.8
341
32.5
200
200
200
185
120
Au
82.3
350
28.4
200
200
150
50
25
0
50
100
150
200
250
0
-5
-10
-15
-20
VGS
Br
I
Au


Similar Part No. - IRHY57230CMSE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
180Kb / 8P
   Simple Drive Requirements
IRHY57230CMSE IRF-IRHY57230CMSE_15 Datasheet
180Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHY57230CMSE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
105Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CM IRF-IRHY57230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9130CM IRF-IRHY9130CM Datasheet
116Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9230CM IRF-IRHY9230CM Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com