Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB220S-TB Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SB220S-TB
Description  2.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB220S-TB Datasheet(HTML) 3 Page - Won-Top Electronics

  SB220S-TB Datasheet HTML 1Page - Won-Top Electronics SB220S-TB Datasheet HTML 2Page - Won-Top Electronics SB220S-TB Datasheet HTML 3Page - Won-Top Electronics SB220S-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB220S – SB2100S
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
5,000
370 x 370 x 420
25,000
13.0
TAPE & BOX
255 x 75 x 150
5,000
400 x 273 x 415
50,000
21.0
BULK
198 x 84 x 20
1,000
459 x 214 x 256
50,000
19.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
SB2x0S
= Device Number
x
= 2, 3, 4, 5, 6, 8 or 10
WTE
= Manufacturer’s Logo
SB2 x0S
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
198mm
84mm
20mm


Similar Part No. - SB220S-TB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB220S EIC-SB220S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB220S VISHAY-SB220S Datasheet
94Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
EIC discrete Semiconduc...
SB220S EIC-SB220S Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB220S VISHAY-SB220S Datasheet
71Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Pan Jit International I...
SB220S PANJIT-SB220S Datasheet
244Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB220S-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
MBR220 ZSELEC-MBR220 Datasheet
136Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB220 WTE-SB220_06 Datasheet
60Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SR220 ZSELEC-SR220 Datasheet
115Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com