Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB240S-T3 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SB240S-T3
Description  2.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB240S-T3 Datasheet(HTML) 4 Page - Won-Top Electronics

  SB240S-T3 Datasheet HTML 1Page - Won-Top Electronics SB240S-T3 Datasheet HTML 2Page - Won-Top Electronics SB240S-T3 Datasheet HTML 3Page - Won-Top Electronics SB240S-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SB220S – SB2100S
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB220S-T3
DO-41
5000/Tape & Reel
SB220S-TB
DO-41
5000/Tape & Box
SB220S
DO-41
1000 Units/Box
SB230S-T3
DO-41
5000/Tape & Reel
SB230S-TB
DO-41
5000/Tape & Box
SB230S
DO-41
1000 Units/Box
SB240S-T3
DO-41
5000/Tape & Reel
SB240S-TB
DO-41
5000/Tape & Box
SB240S
DO-41
1000 Units/Box
SB250S-T3
DO-41
5000/Tape & Reel
SB250S-TB
DO-41
5000/Tape & Box
SB250S
DO-41
1000 Units/Box
SB260S-T3
DO-41
5000/Tape & Reel
SB260S-TB
DO-41
5000/Tape & Box
SB260S
DO-41
1000 Units/Box
SB280S-T3
DO-41
5000/Tape & Reel
SB280S-TB
DO-41
5000/Tape & Box
SB280S
DO-41
1000 Units/Box
SB2100S-T3
DO-41
5000/Tape & Reel
SB2100S-TB
DO-41
5000/Tape & Box
SB2100S
DO-41
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SB220S-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SB240S-T3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB240S-E3/54 VISHAY-SB240S-E3/54 Datasheet
94Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
SB240S-E3/73 VISHAY-SB240S-E3/73 Datasheet
94Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
More results

Similar Description - SB240S-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
MBR220 ZSELEC-MBR220 Datasheet
136Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB220 WTE-SB220_06 Datasheet
60Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SR220 ZSELEC-SR220 Datasheet
115Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com