Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T419D105M020DK4250 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T419D105M020DK4250
Description  Tantalum Surface Mount Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T419D105M020DK4250 Datasheet(HTML) 2 Page - Kemet Corporation

  T419D105M020DK4250 Datasheet HTML 1Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 2Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 3Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 4Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 5Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 6Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 7Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 8Page - Kemet Corporation T419D105M020DK4250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
KEMET ORDERING INFORMATION
Surge Designator
4250
Surge = +25°C after Weibull
4251
Surge = -55°C +85°C after Weibull
4252
Surge = -55°C +85°C before Weibull
Note:
For order entry purposes the last 4-digits of the
part number will be entered in the KEMET
Customer Specification (C-Spec)Field.
Termination Finish
B = Gold plated
C = Hot solder dipped
H = Solder plated
K = Solder fused
Capacitance Tolerances
M = ±10%; K = ±10%; J = ±5%
Tantalum
Series
T409 MIL-PRF-55365/4
T419 MIL-PRF-55365/11
T429 MIL-PRF-55365/11
Case Size
A, B, C, D, E, F, G, H, X
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
T
409 B
105 K
020
C
H
4250
Voltage
As shown
Capacitance Tolerance
K = ±10%, M = ±20%, J = ±5%
Voltage
C = 4V
J = 20V
D = 6V
K = 25V
F = 10V
M = 35V
H = 15V
N = 50V
Termination Finish Code
B = Gold plated
C = Hot solder dipped
H = Solder plated
K = Solder fused
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
Style
CWR19, CWR29
CWR19
K
H
225
K
C
D
A
Surge Current Option
A = +25°C after Weibull
B = -55°C +85°C after Weibull
C = -55°C +85°C before Weibull
Z = None
MIL-PRF-55365 (CWR19/29) ORDERING INFORMATION
Case Code
A,B,C,D,E,F,G,H,X
Capacitance Tolerance
K = ±10%, M = ±20%, J = ±5%
Voltage
C = 4V
J = 20V
D = 6V
K = 25V
F = 10V
M = 35V
H = 15V
N = 50V
Reliability Level
* Exponential
Weibull
M = (1.0%/1000 hrs.)
A = Non-ER
P = (0.1%/1000 hrs.)
B = (0.1%/1000 hrs.)
R = (0.01%/1000 hrs.)
C = (0.01%/1000 hrs.)
S = (0.001%.1000 hrs.) D = (0.001%/1000 hrs.)#
* Inactive for new design.
Termination Finish Code
B = Gold plated
C = Hot solder dipped
H = Solder plated
K = Solder fused
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
Style
CWR09
CWR09
J
H
105
K
C
A
Surge Current Option
A = +25°C after Weibull
B = -55°C +85°C after Weibull
C = -55°C +85°C before Weibull
MIL-PRF-55365 (CWR09) ORDERING INFORMATION
Reliability Level
* Exponential
Weibull
M = (1.0%/1000 hrs.)
A = Non-ER
P = (0.1%/1000 hrs.)
B = (0.1%/1000 hrs.)
R = (0.01%/1000 hrs.)
C = (0.01%/1000 hrs.)
S = (0.001%.1000 hrs.) D = (0.001%/1000 hrs.)#
* Inactive for new design.
Reliability Level
*Exponential
Weibull
M = (1.0%/1000 hrs.)
A = Non-ER
P = (0.1%/1000 hrs.)
B = (0.1%/1000 hrs.)
R = (0.01%/1000 hrs.)
C = (0.01%/1000 hrs.)
S = (0.001%.1000 hrs.) D = (0.001%/1000 hrs.)#
* Inactive for new design.


Similar Part No. - T419D105M020DK4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
More results

Similar Description - T419D105M020DK4250

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTP NIC-NTP Datasheet
147Kb / 7P
   Surface Mount Polymer-Tantalum Capacitor
logo
Kemet Corporation
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
logo
AVX Corporation
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
NTE Electronics
SCTA104K35 NTE-SCTA104K35 Datasheet
15Kb / 1P
   SURFACE MOUNT TANTALUM
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com