Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1020CT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB1020CT
Description  10A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1020CT Datasheet(HTML) 1 Page - Won-Top Electronics

  SB1020CT Datasheet HTML 1Page - Won-Top Electronics SB1020CT Datasheet HTML 2Page - Won-Top Electronics SB1020CT Datasheet HTML 3Page - Won-Top Electronics SB1020CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB1020CT – SB10100CT
1 of 4
© 2006 Won-Top Electronics
Pb
SB1020CT – SB10100CT
10A DUAL SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
                D
Mechanical Data
F
E
!
Case: TO-220, Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
J
PIN 3 -
Case, PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
1020CT
SB
1030CT
SB
1040CT
SB
1045CT
SB
1050CT
SB
1060CT
SB
1080CT
SB
10100CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TC = 95°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 5.0A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
TO-220
Dim
Min
Max
A
13.90
15.90
B
9.80
10.70
C
2.54
3.43
D
3.56
4.56
E
12.70
14.73
F
0.51
0.96
G
3.55 Ø
4.09 Ø
H
5.75
6.85
I
4.16
5.00
J
2.03
2.92
K
0.30
0.65
L
1.14
1.40
P
2.29
2.79
All Dimensions in mm


Similar Part No. - SB1020CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Won-Top Electronics
SB1020CT WTE-SB1020CT Datasheet
40Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020CT PANJIT-SB1020CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1020CT PACELEADER-SB1020CT Datasheet
288Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Compact Technology Corp...
SB1020CT CTC-SB1020CT Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1020CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1020FCT WTE-SB1020FCT_06 Datasheet
49Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
   10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS1040CTL DIODES-PDS1040CTL_10 Datasheet
108Kb / 5P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 11 - 2
PDS1040CTL DIODES-PDS1040CTL Datasheet
94Kb / 3P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 8 - 2
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com